Electronic Components Datasheet Search
  English  ▼

X  

SPH Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # SPH
Description  General-Purpose Failsafe Moulded Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SPH Datasheet(HTML) 1 Page - Welwyn Components Limited

  SPH Datasheet HTML 1Page - Welwyn Components Limited SPH Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General-Purpose Failsafe
Moulded Wirewound Resistors
SPH/SPF Series
• Drop-in replacement for BWH/BWF
• 2 watt rated with 1 watt dimensions
• ±5%, ±10% tolerance
• 0.1 ohm to 2400 ohms
• TCR’s as low as ±150 ppm/°C standard
(custom TC’s available)
• Weldable and solderable leads
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
93
Type
F
P
S
H
P
S
EIA RS-344 Style
CRU2
MIL-R-11 Style
RC32/RC42
k
1
o
t
1
R
0
4
k
2
o
t
1
R
0
s
m
h
o
e
c
n
a
t
s
i
s
e
R
0
1
±
,
5
±
%
e
c
n
a
r
e
l
o
T
C
°
0
7
t
a
2
s
t
t
a
w
g
n
it
a
r
r
e
w
o
P
1 at 115°C
Derating to 0 at 160°C
Maximum continuous working voltage
√PR
g
e
M
0
0
0
,
0
1
y
r
d
e
c
n
a
t
s
i
s
e
r
n
o
it
a
l
u
s
n
i
m
u
m
i
n
i
M
g
e
M
0
0
1
t
e
w
V
0
0
0
1
M
T
A
s
tl
o
v
g
n
i
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
d
m
u
m
i
n
i
M
V
5
2
6
S
M
R
e
r
u
s
s
e
r
p
d
e
c
u
d
e
R
s
t
t
a
w
2
t
a
C
°
5
4
1
s
t
t
a
w
e
s
ir
e
r
u
t
a
r
e
p
m
e
t
t
o
p
s
t
o
H
Current noise
Negligible
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm)
Type
L
D
d
f
SPH
14.3 ±0.25
5.72 ±0.20
0.813 ±0.05
38.1 ±3.2
SPF
14.3 ±0.25
5.72 ±0.20
0.813 ±0.05
38.1 ±3.2
Physical Data
L
D
f
d
Resistive Element
All resistor types have resistance alloy winding on a braided
fibreglass substrate. Intermediate silicone coatings are used to
enhance processibility and to provide protection to the
resistive element.
Termination
The SPH and SPF resistors are terminated using an alloy
coated copper flashed steel lead welded to a cap of the same
material. This termination assembly is mechanically crimped,
utilizing an improved crimp design, to the resistive element.
Encapsulation
The SPH and SPF are encapsulated utilizing a compression
moulded phenolic plastic material. The SPF has a flame-
resistance coating applied over the resistive element to provide
flammmability protection when destructive overloads may occur.
Marking
All products are marked utilizing heat and solvent resistant
colour code bands consistent with EIA/MIL requirements. The
first band is double width to designate wirewound construction.
A fifth band, blue in colour, is used for flameproof identification.


Similar Part No. - SPH

ManufacturerPart #DatasheetDescription
logo
StarHope
SPH SPSEMI-SPH Datasheet
706Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
logo
TT Electronics.
SPH TTELEC-SPH Datasheet
1Mb / 4P
Drop-in replacement for BWH/BWF
logo
List of Unclassifed Man...
SPH-001T-P0.5L ETC2-SPH-001T-P0.5L Datasheet
232Kb / 8P
Crimping tools and machines
SPH-001T-P0.5L ETC2-SPH-001T-P0.5L Datasheet
224Kb / 8P
APPLICATION TOOLING
SPH-001T-P05L ETC2-SPH-001T-P05L Datasheet
111Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - SPH

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PW-2 WELWYN-PW-2 Datasheet
147Kb / 4P
General Purpose Power Wirewound Resistors
SP20 WELWYN-SP20 Datasheet
130Kb / 2P
General-Purpose Failsafe Moulded Wirewound Resistors
SPP WELWYN-SPP Datasheet
109Kb / 2P
General Purpose Wirewound Resistors
WSM WELWYN-WSM Datasheet
75Kb / 2P
Moulded Surface Mount Wirewound Resistors
logo
RCD COMPONENTS INC.
LF2X-R100JB RCD-LF2X-R100JB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
logo
IRC - a TT electronics ...
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SP-201505LF IRCTT-SP-201505LF_08 Datasheet
246Kb / 3P
General Purpose Failsafe Molded Wirewound Resistor
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SPH1500JLF IRCTT-SPH1500JLF Datasheet
245Kb / 3P
General Purpose Failsafe Molded Wirewound Resistor
logo
Welwyn Components Limit...
WA83-470RJI WELWYN-WA83-470RJI Datasheet
388Kb / 3P
General Purpose Cement Coated Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com