Electronic Components Datasheet Search
  English  ▼

X  

T44D Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # T44D
Description  High Voltage Precision Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

T44D Datasheet(HTML) 1 Page - Welwyn Components Limited

  T44D Datasheet HTML 1Page - Welwyn Components Limited T44D Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Voltage Precision
Thick Film Resistors
T Series
• Working voltage up to 100kV
• Resistances up to 50G
• TCR down to 25ppm
• Termination variants
• Sets of resistors with matched characteristics
T43
T44
T48
Notes
Power rating at 20°C
watts
1.5
3.5
10
Resistance range
ohms
1K to 10G
1K to 50G
1K to 50G
Limiting element voltage
volts
4K
14K
50K
In air
8K
28K
100K
In oil
TCR
ppm/°C
25, 50, 100
Values > 1G: TCR is 250ppm/°C
Resistance tolerance
%
1, 2, 5
Closer tolerances over restricted range
Values
E24 preferred values
Any value to special order
Thermal impedance
°C/watt
31
27
13
Ambient temperature range
°C
-55 to 150
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
193
Dimensions (mm) & Weight (g)
PCB
Min
mounting
Bend
Type
L max
D max
f min
d nom
centres
Radius
Wt. nom
T43D
25.4
8.4
32.0
0.8
31.8
1.2
3.1
T44D
50.8
8.4
32.0
0.8
57.2
1.2
5.6
T48D
150.0
8.4
32.0
0.8
156.4
1.2
18.5
T43KU
30.2
8.5
32.0
0.8
3.9
T44KU
53.2
8.5
32.0
0.8
7.4
T48KU
152.2
8.5
32.0
0.8
19.3
T43TU
32.6
8.5
5.8
T44TU
55.6
8.5
8.2
T48TU
154.8
8.5
20.2
Physical Data
L
D
f
d
L
L
T44D
T44TU
T44KU


Similar Part No. - T44D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
T44D TTELEC-T44D Datasheet
439Kb / 3P
Termination variants
More results

Similar Description - T44D

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
High Voltage Thick film Resistors
logo
IRC - a TT electronics ...
CGH IRCTT-CGH Datasheet
90Kb / 3P
Precision High-Voltage Thick Film Resistors
CGX IRCTT-CGX Datasheet
236Kb / 2P
Precision High-Voltage Thick-Film Resistors
logo
Panasonic Semiconductor
ERJ-6ENF1001V PANASONIC-ERJ-6ENF1001V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
High Voltage / Thick Film Resistors
logo
Panasonic Semiconductor
ERJPB3B1002V PANASONIC-ERJPB3B1002V Datasheet
59Kb / 2P
High Precision Thick Film Chip Resistors
logo
TT Electronics.
CGH TTELEC-CGH_17 Datasheet
351Kb / 3P
Precision High-Voltage Thick Film Resistors
CGX TTELEC-CGX Datasheet
339Kb / 2P
Precision High-Voltage Thick Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com