Electronic Components Datasheet Search
  English  ▼

X  

ULR Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # ULR
Description  Metal Strip Current Sense Resistors Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

ULR Datasheet(HTML) 3 Page - Welwyn Components Limited

  ULR Datasheet HTML 1Page - Welwyn Components Limited ULR Datasheet HTML 2Page - Welwyn Components Limited ULR Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Recommended Solder Pad Layout
4-wire pad layout (recommended for precision current sensing)
2-wire pad layout
Dimensions (mm)
Type
Values (m
Ω)
L
W
T
D
Nom. Wt. (g)
Green
0.5 m
Ω, 0.75mΩ 6.35 3.18 1.00 1.93
0.09
Green
1m
Ω to 10mΩ
6.35
3.18
0.60
1.93
0.08
Black
0.5m
Ω
6.35
3.18
1.40
1.30
0.06
Black
0.75m
Ω
6.35
3.18
1.00
1.30
0.06
Black
1m
Ω
6.35
3.18
0.80
1.30
0.06
Black
1.5m
Ω
6.35
3.18
0.65
1.30
0.06
Black
2m
Ω
6.35
3.18
0.50
1.30
0.06
Black
2.5m
Ω
6.35
3.18
1.00
1.30
0.06
Black
3m
Ω
6.35
3.18
0.70
1.30
0.06
Black
3.5m
Ω
6.35
3.18
0.71
1.30
0.06
Black
4m
Ω
6.35
3.18
0.60
1.30
0.06
Black
4.5m
Ω
6.35
3.18
0.58
1.30
0.06
Black
5m
Ω
6.35
3.18
0.50
1.30
0.06
Black
5.5m
Ω
6.35
3.18
0.47
1.30
0.06
Black
6m
Ω
6.35
3.18
0.50
1.30
0.06
Black
7m
Ω
6.35
3.18
0.45
1.30
0.06
Flammability
The resistor will not burn or emit incandescent particles under any condition of applied temperature or overload.
Solvent resistance
The body protection and marking are resistant to all normal industrial solvents suitable for printed circuits.
Packaging
The standard packing for ULR parts is on a 2000 piece reel of size 12mm tape
Ordering Procedure
Example: ULR2 at 2.5 milliohms and 1% tolerance on reel of 2000 pieces:
U L R 2 – R 0 0 2 5 F T 2
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
Packing
T2
Tape
2512
2000 / reel
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
A subsidiary of TT electronics plc
4.75
1.8
0.7
1.45
1.8
4.75
3.6
W
D
T
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com