Electronic Components Datasheet Search
  English  ▼

X  

ICS548A-03 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS548A-03
Description  LOW SKEW CLOCK INVERTER AND DIVIDER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS548A-03 Datasheet(HTML) 6 Page - Integrated Device Technology

  ICS548A-03 Datasheet HTML 1Page - Integrated Device Technology ICS548A-03 Datasheet HTML 2Page - Integrated Device Technology ICS548A-03 Datasheet HTML 3Page - Integrated Device Technology ICS548A-03 Datasheet HTML 4Page - Integrated Device Technology ICS548A-03 Datasheet HTML 5Page - Integrated Device Technology ICS548A-03 Datasheet HTML 6Page - Integrated Device Technology ICS548A-03 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ICS548A-03
LOW SKEW CLOCK INVERTER AND DIVIDER
CLOCK DIVIDER
IDT™ / ICS™ LOW SKEW CLOCK INVERTER AND DIVIDER
6
ICS548A-03
REV C 063006
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for
either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are
implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range,
high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to
change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical
instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS548AM-03LF
548AM-03LF
Tubes
16-pin SOIC
0 to +70
° C
ICS548AM-03LFT
548AM-03LF
Tape and Reel
16-pin SOIC
0 to +70
° C
ICS548AMI-03LF
548AMI03LF
Tubes
16-pin SOIC
-40 to +85
° C
ICS548AMI-03LFT
548AMI03LF
Tape and Reel
16-pin SOIC
-40 to +85
° C
INDEX
AREA
1 2
16
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51
.013.020
C
0.19
0.25
.0075
.0098
D
9.80
10.00
.3859
.3937
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50
.010.020
L
0.401.27
.016.050
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com