Electronic Components Datasheet Search
  English  ▼

X  

AMT12 Datasheet(PDF) 6 Page - Same Sky Devices

Part # AMT12
Description  MODULAR INCREMENTAL ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT12 Datasheet(HTML) 6 Page - Same Sky Devices

  AMT12 Datasheet HTML 1Page - Same Sky Devices AMT12 Datasheet HTML 2Page - Same Sky Devices AMT12 Datasheet HTML 3Page - Same Sky Devices AMT12 Datasheet HTML 4Page - Same Sky Devices AMT12 Datasheet HTML 5Page - Same Sky Devices AMT12 Datasheet HTML 6Page - Same Sky Devices AMT12 Datasheet HTML 7Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SAME SKY | SERIES: AMT12 | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 09/12/2024 | page 6 of 7
sameskydevices.com
1. Begin by selecting the appropriately sized shaft adapter
and insert it into the centering tool. No adapter is needed
for a 6 mm motor shaft.
2. Place the plastic base over the motor shaft.
3. Slide the centering tool and shaft adapter over the motor
shaft. The centering tool will hold the base in the proper
position.
4. While holding the centering tool down in place, install
screws to secure the base to the motor body.
1. Remove the centering tool.
2. Take the shaft adapter out of the centering tool.
1. Rotate the pre-installed alignment tool clockwise and
completely to the right so that the pre-installed shaft set
screw is visible.
2. Insert the shaft adapter into the encoder making sure the
adapter is properly aligned with the keyway in the metal
hub. No adapter is needed for a 6 mm motor shaft.
3. Insert the placement tool into the assembly. This placement
tool holds the encoder’s hub and shaft adapter in the
proper position for installation onto the motor shaft.
4. Position the encoder so it can snap onto the plastic base.
The encoder will only snap into place in one orientation.
5. Slide the encoder onto the motor shaft applying force only
to the placement tool to maintain proper alignment of the
encoder’s hub and shaft adapter.
6. Ensure all 4 locking tabs are secured in place over the
encoder hub.
1. Insert the Allen Wrench into the notch on the top.
2.
listed on the applicable AMT encoder datasheet.
1. Rotate the placement tool and alignment tool
counterclockwise until the tabs align with the openings.
2. Remove both tools from the encoder.
3.
rotating freely.
STEP 1
STEP 2
STEP 3
STEP 5
STEP 4
ASSEMBLY PROCEDURE
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com