Electronic Components Datasheet Search
  English  ▼

X  

AMT20 Datasheet(PDF) 9 Page - Same Sky Devices

Part # AMT20
Description  MODULAR ABSOLUTE ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT20 Datasheet(HTML) 9 Page - Same Sky Devices

Back Button AMT20 Datasheet HTML 2Page - Same Sky Devices AMT20 Datasheet HTML 3Page - Same Sky Devices AMT20 Datasheet HTML 4Page - Same Sky Devices AMT20 Datasheet HTML 5Page - Same Sky Devices AMT20 Datasheet HTML 6Page - Same Sky Devices AMT20 Datasheet HTML 7Page - Same Sky Devices AMT20 Datasheet HTML 8Page - Same Sky Devices AMT20 Datasheet HTML 9Page - Same Sky Devices AMT20 Datasheet HTML 10Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SAME SKY | SERIES: AMT20 | DESCRIPTION: MODULAR ABSOLUTE ENCODER
date 09/12/2024 | page 9 of 10
sameskydevices.com
APPLICATION NOTES (CONTINUED)
All commands are 8 bits long. The msb is shifted in first, and is the leftmost bit shown in Figure 1.
Encoder Protocol Considerations:
The encoder is designed to operate with a high speed SPI link, in full duplex mode. This implies the host can issue commands and read data as quickly
as necessary but there has to be an acknowledgement from the slave just before the data is transferred.
First the host will issue a command, then the encoder may respond with wait responses (0xA5) until ready. Once ready the encoder will echo the original
command received from the master, followed by the requested data.
For example, to read the position the master will send the rd_pos command (0x10), it will then send no operation commands (nop_a5, 0x00) until it
receives the original rd_pos command back. Once it receives the rd_pos response from the encoder, it knows that the next two bytes of data will be the
MSB and the LSB respectively. To receive those two bytes the master will send two no operation commands.
It is recommended that the master leave a 20
μs delay between reads to avoid extending the read time by forcing wait sequences.
Each byte transmitted must be followed by a release of the Chip Select line (CSB).
Command 0x00: nop_a5 (no operation)
This no operation command is ignored by the encoder and simply causes the next byte of data to be read. The encoder will respond with 0xA5 if there is
no remaining data to be sent.
Command 0x10: rd_pos (read position)
This command causes a read of the current position.
To read position this sequence should be followed:
1.
Master sends rd_pos command. Encoder responds with idle character.
2.
Continue sending nop_a5 command while encoder response is 0xA5
3.
If response was 0x10 (rd_pos), send nop_a5 and receive MSB position (lower 4 bits of this byte are the upper 4 of the 12-bit
position)
4.
Send second nop_a5 command and receive LSB position (lower 8 bits of 12-bit positon)
Note that it is possible to overlap commands. For instance, instead of issuing nop_a5 for steps 3 and 4, you could begin another read position sequence
since the position data is already in the buffer. The read and write FIFOs for the streams are 16 bytes long and it is up to the user to avoid overflow.
Command 0x70: set_zero_point (zero set)
This command sets the current position to zero and saves this setting in the EEPROM.
To set the zero point this sequence should be followed:
1.
Send set_zero_point command
2.
Send nop_a5 command while response is not 0x80
3.
A response of 0x80 means that the zero set was successful and the new position offset is stored in EEPROM.
4.
The encoder must be power cycled. If the encoder is not power cycled, the position values will not be calculated off the latest zero position.
When the encoder is powered on next the new offset will be used for the position calculation.
SPI COMMANDS
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com