Electronic Components Datasheet Search
  English  ▼

X  

PM5307 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5307
Description  9.953 Gbit/s Telecom Bus Serializer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5307 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5307 Datasheet HTML 1Page - PMC-Sierra, Inc PM5307 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM5307
Advance
9.953 Gbit/s Telecom Bus Serializer
TBS-9953
PMC-2001266 (A2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2001.
FEATURES
• The PM5307 TBS-9953 switches
timeslots (down to an STS-1 granularity)
from/to the line side interface to/from a
system side working (W), protection (P),
and optionally an auxiliary (A) interface.
• 4 sets of 16 port serial links:
•
2 sets of 16 x 777.6 Mbit/s links
(8B/10B encoded Serial
TelecomBus).
•
2 set of configurable 16 x 777.6
Mbit/s or 16 x 2.488 Gbit/s
(SONET/SDH scrambled).
• Typical applications (line to system
interfaces):
•
16 x 777.6 Mbit/s to 3 x 16 x 777.6
Mbit/s (W,P,A)
•
16 x 777.6 Mbit/s to 4x4x2.488
Gbit/s (W,P,A1,A2)
•
2 x (16 x 777.6) Mbit/s to
2 x (2 x 4 x 2.488) Gbit/s (W, P) -
Dual TBS
•
4 x 2.488 Gbit/s to 3 x 4 x 2.488
Gbit/s (W,P,A)
• Supports redundant working/protection
time-space-time switch fabrics,
including the PM5372 TSE and
PM5374 TSE-160 devices.
• Supports STS-192c/STM-64c, STS-
48c/STM-16c, STS-12c/STM-4c, and
STS-3c/STM-1c traffic on the interface.
• Supports through-traffic, drop-traffic
and protection switching in UPSR,
2-fiber BLSR and 4-fiber BLSR
applications.
• Provides per link concatenated
SONET PRBS generation/ monitoring
for outgoing/ incoming LVDS data link
for off-line link verification. 777.6 Mbit/s
links can carry an STS-12c PRBS
stream. 2.488 Gbit/s links can carry an
STS-48c PRBS stream.
• Option to perform in-service link
verification by checking and/or
overwriting the Z2 byte of each
constituent STS-1/STM-0 frame with a
unique software programmable byte
and its complement.
• Provides pins to coordinate updating of
the connection map of the time-slot
interchange blocks in the local device,
peer PM5307 TBS-9953 devices, and
companion PM5374 TSE-160 or
PM5372 TSE devices.
• Provides two independent time
domains for frame alignment
purposes. The time domains for each
link interface are selectable through
the software interface.
• Driven by a 155.52 MHz reference
clock.
• Implemented in 1.8 V core and 3.3 V
I/O, 0.18 µm CMOS and packaged in a
1152 ball FCBGA.
• Provides a standard IEEE 1149.1
JTAG port.
Clock
Synthesis
Unit Interface
(CSUI)
Microprocessor
Interface
JTAG
Cross-
Bar
Space
Switch
Element
(SSWE)
•
•
•
Clock
Synthesis
Unit (CSU)
•
•
•
RP[1]
RN[1]
Transmit LVDS
(TXLV) #1
Serializer
(PISO) #1
Tx Data
Scrambler/
Encoder (TSEC)
#1
Tx Time Slot
Interchange
(TTSI) #1
Rx Time Slot
Interchange
(RTSI) #1
Rx SONET
Data Framer
(RSEF) #1
Data Recovery
Unit (DRU) #1
Receive LVDS
(RXLV) #1
TP[1]
TN[1]
RP[2]
RN[2]
Transmit LVDS
(TXLV) #2
Serializer
(PISO) #2
Tx Data
Scrambler/
Encoder (TSEC)
#2
Tx Time Slot
Interchange
(TTSI) #2
Rx Time Slot
Interchange
(RTSI) #2
Rx SONET
Data Framer
(RSEF) #2
Data Recovery
Unit (DRU) #2
Receive LVDS
(RXLV) #2
TP[2]
TN[2]
RP[65]
RN[65]
Transmit LVDS
(TXLV) #65
Serializer
(PISO) #65
Tx Data
Scrambler/
Encoder (TSEC)
#65
Tx Time Slot
Interchange
(TTSI) #65
Rx Time Slot
Interchange
(RTSI) #65
Rx SONET
Data Framer
(RSEF) #65
Data Recovery
Unit (DRU) #65
Receive LVDS
(RXLV) #65
TP[65]
TN[65]
Clock
Synthesis
Unit (CSU)
Clock
Synthesis
Unit (CSU)
Clock
Synthesis
Unit (CSU)
PRBS Monitor
(PIPM) #65
PRBS Monitor
(PIPM) #2
PRBS Monitor
(PIPM) #1
BLOCK DIAGRAM


Similar Part No. - PM5307

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PM5300 SCHNEIDER-PM5300 Datasheet
2Mb / 14P
PowerLogic™ PM5000 series Technical Datasheet
Version: 1.0 - 04/02/2023
logo
PMC-Sierra, Inc
PM5309 PMC-PM5309 Datasheet
65Kb / 2P
Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect
More results

Similar Description - PM5307

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
TelecomBus Serializer for 2.5 Gbit/s Interconnect
PM5372 PMC-PM5372 Datasheet
59Kb / 2P
40 Gbit/s Transport Switching Element
PM5392 PMC-PM5392 Datasheet
41Kb / 2P
SATURN User Network Interface for 9.953 Gbit/s
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
2.4 Gbit/s ATM Layer Solution
logo
Infineon Technologies A...
V23814-K1306-M136 INFINEON-V23814-K1306-M136 Datasheet
610Kb / 27P
PAROLI Tx AC, 1.25 Gbit/s
2001-12-01
V23814-U1306-M136 INFINEON-V23814-U1306-M136 Datasheet
748Kb / 29P
PAROLI Tx AC, 1.6 Gbit/s
2002-05-14
V23832-T2431-M101 INFINEON-V23832-T2431-M101 Datasheet
668Kb / 30P
PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
2.5 GBIT/S RETIMING LASER DRIVER
logo
PMC-Sierra, Inc
PM5309 PMC-PM5309 Datasheet
65Kb / 2P
Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com