Electronic Components Datasheet Search
  English  ▼

X  

TST20102C Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TST20102C
Description  20A, 100V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TST20102C Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TST20102C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TST20102C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TST20102C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TST20102C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TST20102C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TST20102C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TST20102C
Taiwan Semiconductor
4
Version: A2405
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.6 Typical Transient Thermal Characteristics
0.0001
0.001
0.01
0.1
1
10
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Junction to Case
PULSE DURATION (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com