Electronic Components Datasheet Search
  English  ▼

X  

TST20122C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TST20122C
Description  20A, 120V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TST20122C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TST20122C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TST20122C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TST20122C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TST20122C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TST20122C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TST20122C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TST20122C
Taiwan Semiconductor
1
Version: A2405
20A, 120V Trench Schottky Rectifier
FEATURES
● Excellent high temperature stability
● Low forward voltage
● Low power loss/ High efficiency
● High forward surge capability
● RoHS Compliant
● Halogen-free
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● DC to DC converters
MECHANICAL DATA
● Case: TO-220AB
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Mounting torque: 0.56 N⋅m maximum
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 1.97g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
20
A
VRRM
120
V
IFSM
210
A
TJ MAX
150
°C
Package
TO-220AB
Configuration
Common cathode
TO-220AB
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
120
V
Reverse voltage, total rms value
VR(RMS)
84
V
Forward current
per device
IF
20
A
per diode
10
A
Surge peak forward current, 8.3ms single half sine
wave superimposed on rated load
IFSM
210
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - TST20122C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TST20102C TSC-TST20102C Datasheet
398Kb / 6P
20A, 100V Trench Schottky Rectifier
Version: A2405
More results

Similar Description - TST20122C

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
20A Trench Schottky Rectifier
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
20A Trench Schottky Rectifier
logo
PFC Device Inc.
PT20L120E PFC-PT20L120E Datasheet
650Kb / 6P
20A 120V HPTR짰 Schottky Rectifier
PT20L120N5 PFC-PT20L120N5 Datasheet
818Kb / 5P
20A 120V HPTR짰 Schottky Rectifier
PT20L120SP PFC-PT20L120SP Datasheet
732Kb / 5P
20A 120V HPTR짰 Schottky Rectifier
PTR20H120CT PFC-PTR20H120CT Datasheet
775Kb / 7P
20A 120V HPTR짰 Schottky Rectifier
PTR20L120CT PFC-PTR20L120CT Datasheet
775Kb / 7P
20A 120V HPTR짰 Schottky Rectifier
PTR20120CT PFC-PTR20120CT Datasheet
773Kb / 7P
20A 120V HPTR Schottky Rectifier
PTR20V120CT PFC-PTR20V120CT Datasheet
776Kb / 7P
20A 120V HPTR짰 Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com