Electronic Components Datasheet Search
  English  ▼

X  

C14 Datasheet(PDF) 7 Page - Same Sky Devices

Part # C14
Description  PANEL MOUNT ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

C14 Datasheet(HTML) 7 Page - Same Sky Devices

  C14 Datasheet HTML 1Page - Same Sky Devices C14 Datasheet HTML 2Page - Same Sky Devices C14 Datasheet HTML 3Page - Same Sky Devices C14 Datasheet HTML 4Page - Same Sky Devices C14 Datasheet HTML 5Page - Same Sky Devices C14 Datasheet HTML 6Page - Same Sky Devices C14 Datasheet HTML 7Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SAME SKY | SERIES: C14 | DESCRIPTION: PANEL MOUNT ENCODER
date 09/12/2024 | page 7 of 7
Same Sky offers a one (1) year limited warranty. Complete warranty information is listed on our website.
Same Sky reserves the right to make changes to the product at any time without notice. Information provided by Same Sky is believed to be accurate and
reliable. However, no responsibility is assumed by Same Sky for its use, nor for any infringements of patents or other rights of third parties which may result
from its use.
Same Sky products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
sameskydevices.com
rev.
description
date
1.0
initial release
02/25/2009
1.01
applied new spec template, updated operating temperature, updated 3.3V PCB
05/20/2014
1.02
brand update
10/04/2019
1.03
added plastic shaft models
10/14/2020
1.04
logo, datasheet style update
08/05/2022
1.05
CUI Devices rebranded to Same Sky
09/12/2024
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com