Electronic Components Datasheet Search
  English  ▼

X  

558346 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 558346
Description  Proportional pressure control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

558346 Datasheet(HTML) 2 Page - Festo Corporation.

  558346 Datasheet HTML 1Page - Festo Corporation. 558346 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Certificate issuing authority
UL E322346
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
10 °C ... 50 °C
Degree of protection
IP65
Ambient temperature
0 °C ... 50 °C
Product weight
400 g
Linearity
1 %FS
Hysteresis
0.5 %FS
Reproducibility
0.5 %FS
Overall accuracy
1.25 %FS
Temperature coefficient
0.04 %/K
Repetition accuracy FS
0.5 %
Electrical connection
8-pin
M12
Plug
Type of mounting
Optionally:
With through-hole
With accessories
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Pneumatic connection 3
G1/8
Note on materials
RoHS-compliant
Housing material
Wrought aluminum alloy
Anodized
10/31/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com