Electronic Components Datasheet Search
  English  ▼

X  

TST40122C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TST40122C
Description  40A, 120V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TST40122C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TST40122C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TST40122C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TST40122C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TST40122C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TST40122C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TST40122C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TST40122C
Taiwan Semiconductor
2
Version: A2405
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance per diode(1)
RӨJL
0.9
°C/W
Junction-to-ambient thermal resistance per diode(1)
RӨJA
5.0
°C/W
Junction-to-case thermal resistance per diode(2)
RӨJC
0.4
°C/W
Thermal Performance Notes:
1.
Units mounted on 4" x 6" x 0.25" Al-plate
2.
Mounted on infinite heatsink
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage per diode(1)
IF = 10A, TJ = 25°C
VF
0.73
-
V
IF = 20A, TJ = 25°C
0.85
0.91
V
IF = 10A, TJ = 125°C
0.58
-
V
IF = 20A, TJ = 125°C
0.68
0.73
V
Reverse current @ rated VR per diode(2)
TJ = 25°C
IR
-
50
µA
TJ = 125°C
-
10
mA
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
TST40122C
TO-220AB
50 / Tube



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com