Electronic Components Datasheet Search
  English  ▼

X  

WH5 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # WH5
Description  Aluminium Housed Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WH5 Datasheet(HTML) 1 Page - Welwyn Components Limited

  WH5 Datasheet HTML 1Page - Welwyn Components Limited WH5 Datasheet HTML 2Page - Welwyn Components Limited WH5 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aluminium Housed
Wirewound Resistors
WH Series
• High power dissipation for size
• All welded construction
• Suitable for severe environments
• Designed for excellent thermal
conductivity to heatsink
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
107
WH5
WH10
WH25
WH50
Notes
Power rating at 25°C
watts
10
15
25
50*
Mounted on standard heatsink
Resistance range
ohms
0R01 to 10K
0R01 to 20K
0R01 to 44K
0R015 to 120K
TCR (-55° to 200°C)
ppm/°C
<10
Ω : ±75
≥ to <100 : ±50
≥100Ω : ±25
Resistance tolerance
%
1, 2, 5, 10
Low value limits
ohms
1 at 1%
0.5 at 2%
0.05 at 5%
0.01 at 10%
WH50 0.015 at 10%
Approved CECC 40203 - 006
AA
BA
CA
DA
Power rating at 25°C
watts
10
15
25
40
Mounted on standard heatsink
Resistance range
ohms
0.05 to 3.4k
0.05 to 15k
0.05 to 33k
0.05 to 82k
TCR (-55° to 200°C)
ppm/°C
≥5Ω≤ 10Ω ± 100
>10
Ω ±50
Resistance tolerance
%
1, 2, 5
Low value limits
ohms
1 at 1%
0.5 at 2%
0.05 at 5%
WH50 0.015 at 10%
Limiting element voltage
volts
150
250
500
1250
Standard values
E24 preferred range
Other values to special order
Thermal impedance
°C/watt
16.0
10.0
6.0
3.5
Mounted on standard heatsink
Ambient temperature range
°C
-55 to 200
*For load at maximum rating mount on heatsink 30.5 cm x 30.5 cm x 1.5 mm
Electrical Data
Issue D · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
Construction
Cap and lead assemblies are fitted to a high purity ceramic
substrate. The resistive element is wound onto the substrate
and welded to the caps. The wound rod is then moulded and
fitted into an aluminium housing to give optimum stability
and reliability.
Terminations
Material
Solder dipped, copper clad steel wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Marking
The resistors are legend marked with type reference,
resistance value and tolerance which will withstand all
accepted industrial cleaning fluids. Values are marked in
accordance with IEC 62.


Similar Part No. - WH5

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WH5 WELWYN-WH5 Datasheet
862Kb / 4P
Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
2Mb / 4P
Aluminium Housed Wirewound Resistors
WH50 WELWYN-WH50 Datasheet
862Kb / 4P
Aluminium Housed Wirewound Resistors
WH50 WELWYN-WH50 Datasheet
2Mb / 4P
Aluminium Housed Wirewound Resistors
logo
SHENZHEN KOO CHIN ELECT...
WH504WC KOOCHIN-WH504WC Datasheet
936Kb / 1P
5MM long feet colorless transparent white
More results

Similar Description - WH5

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WH5 WELWYN-WH5 Datasheet
862Kb / 4P
Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5_12 Datasheet
2Mb / 4P
Aluminium Housed Wirewound Resistors
logo
Tyco Electronics
3-1630019-6 MACOM-3-1630019-6 Datasheet
175Kb / 4P
Aluminium Housed Power Resistors
THS10270RJ MACOM-THS10270RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS5047RJ MACOM-THS5047RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS25R82J MACOM-THS25R82J Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS25R01J MACOM-THS25R01J Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
HSA50 TEC-HSA50 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
logo
Ohmite Mfg. Co.
HS10 OHMITE-HS10 Datasheet
352Kb / 2P
HS Aluminium Housed Resistors
logo
TE Connectivity Ltd
1773035 TEC-1773035 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com