Electronic Components Datasheet Search
  English  ▼

X  

PM5310 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5310
Description  TelecomBus Serializer for 2.5 Gbit/s Interconnect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5310 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5310 Datasheet HTML 1Page - PMC-Sierra, Inc PM5310 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
TelecomBus Serializer for 2.5 Gbit/s Interconnect
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-2000329 (P1)
© Copyright PMC-Sierra,
Inc. 2000. All rights reserved.
March 2000
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Preliminary
PM5310 TBS
• Provides a generic 16-bit
microprocessor bus interface for
configuration, control, and status
monitoring.
• Implemented in 1.8/3.3 V 0.18 mm
CMOS and packaged in a 352 ball
UBGA.
• Low power consumption of 4.2 W
(maximum).
APPLICATIONS
• SONET/SDH Cross-connects.
• SONET/SDH Add-Drop Multiplexors.
• SONET/SDH Terminal Multiplexors.
• TelecomBus Serializer.
• TelecomBus Backplane Driver.
TYPICAL APPLICATIONS
2.5 GBIT/S ADM APPLICATION
MULTI-SERVICE ATM/POS SWITCH PORT APPLICATION
Serdes
Optical
Transceiver
PM5315
SPECTRA-
2488
PM5310
TBS
ATM or
IP Layer
PM5379
S/UNI-
MACH48
Serdes
Optical
Transceiver
PM5315
SPECTRA-
2488
PM5310
TBS
PM5372
TSE
(Protection X-
Connect)
PM5372
TSE
(Working X-
Connect)
4x777.6 MHz
LVDS Links
4x777.6 MHz
LVDS Links
4x777.6 MHz
LVDS Links
4x777.6 MHz
LVDS Links
SONET Ring/PHY Layer
40 Gbit/s STS-1 Fabric
Multi-Service Layer
PM5310
TBS
PM5310
TBS
PM5310
TBS
•
•
•
•
•
•
PM5315
SPECTRA-2488
N
PM5315
SPECTRA-2488
8
1
PM5315
SPECTRA-2488
OC-48
PM7390
S/UNI-MACH48
PM7390
S/UNI-MACH48
ATM Layer
Device
PM7390
S/UNI-MACH48
1
N
8
POS-PHY
Level 3/
UTOPIA
Level 3
•
•
•
•
•
•
OC-48
OC-48
IP Layer
Device
POS-PHY
Level 3
ATM or
IP Layer
Device
POS-PHY
Level 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com