Electronic Components Datasheet Search
  English  ▼

X  

ICS83905 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS83905
Description  LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83905 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS83905 Datasheet HTML 10Page - Integrated Device Technology ICS83905 Datasheet HTML 11Page - Integrated Device Technology ICS83905 Datasheet HTML 12Page - Integrated Device Technology ICS83905 Datasheet HTML 13Page - Integrated Device Technology ICS83905 Datasheet HTML 14Page - Integrated Device Technology ICS83905 Datasheet HTML 15Page - Integrated Device Technology ICS83905 Datasheet HTML 16Page - Integrated Device Technology ICS83905 Datasheet HTML 17Page - Integrated Device Technology ICS83905 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
14
ICS83905AM REV. B JULY 9, 2007
ICS83905
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS83905 is: 339
Pin compatible to MPC905
TABLE 7B.
θ
JA
VS
. AIR FLOW TABLE FOR 16 LEAD TSSOP
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
137.1°C/W
118.2°C/W
106.8°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
89.0°C/W
81.8°C/W
78.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 7A.
θ
JA
VS
. AIR FLOW TABLE FOR 16 LEAD SOIC
θθθθθ
JA
by Velocity (Meters per Second)
01
2
Multi-Layer PCB, JEDEC Standard Test Boards
78.8°C/W
71.1°C/W
66.2°C/W
TABLE 7C.
θ
JA
VS
. AIR FLOW TABLE FOR 20 LEAD VFQFN
θθθθθ
JA
by Velocity (Meters per Second)
01
3
Multi-Layer PCB, JEDEC Standard Test Boards
60.4°C/W
52.8°C/W
46.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com