Electronic Components Datasheet Search
  English  ▼

X  

ASM330LHBG1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ASM330LHBG1
Description  High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBG1 Datasheet(HTML) 1 Page - STMicroelectronics

  ASM330LHBG1 Datasheet HTML 1Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 2Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 3Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 4Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 5Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 6Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 7Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 8Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
Features
•
AEC-Q100 qualified
•
ASIL B compliant if used in conjunction with a certified software library
(ISO 26262:2018)
•
Android Auto™ compliant and CarPlay® compliant
•
Extended temperature range from -40 to +125°C
•
Embedded compensation for high stability over temperature
•
Accelerometer user-selectable full scale up to ±16 g
•
Extended gyroscope range from ±125 to ±4000 dps
•
Dual operating modes: high-performance and low-power mode
•
I²C, MIPI I3C
℠, and SPI serial interfaces
•
Six-channel synchronized output to enhance accuracy of dead-reckoning
algorithms
•
Programmable finite state machine
•
Machine learning core
•
Smart programmable interrupts
•
Embedded 3 KB FIFO available to underload host processor
•
ECOPACK and RoHS compliant
Applications
•
Satellite precise positioning
•
Vehicle-to-everything (V2X)
•
ADAS systems
•
Active suspension
•
Radar, lidar, and camera digital stabilization
•
Door/trunk modules
•
Motion-activated functions
Description
The ASM330LHBG1 is a 6-axis IMU that offers ASIL B compliance if used in
conjunction with a certified software library and features a 3-axis digital
accelerometer and a 3-axis digital gyroscope with an extended temperature range up
to +125°C.
A safety manual and a software library, certified according to ISO 26262:2018, are
provided to support the development of applications using the ASM330LHBG1 and
targeting ASIL B requirements.
Product status link
ASM330LHBG1
Product summary
Order code
ASM330LHBG1TR
Temp. range [°C]
-40 to +125
Package
LGA-14L
(2.5 x 3.0 x 0.83 mm3)
Packing
Tape and reel
Product resources
AN5691 (ASIL B library safety manual)
UM3134 (using the ASIL B library in Unico)
TN0018 (design and soldering)
Product labels
High-accuracy 6-axis inertial measurement unit (IMU)
with extended temperature range for ASIL B automotive applications
ASM330LHBG1
Datasheet
DS14080 - Rev 1 - November 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ASM330LHBG1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ASM330LHB STMICROELECTRONICS-ASM330LHB Datasheet
3Mb / 131P
High-accuracy automotive 6-axis inertial module for car electronic control units
01-Feb-2023
ASM330LHBTR STMICROELECTRONICS-ASM330LHBTR Datasheet
3Mb / 131P
High-accuracy automotive 6-axis inertial module for car electronic control units
01-Feb-2023
More results

Similar Description - ASM330LHBG1

ManufacturerPart #DatasheetDescription
logo
Epson Company
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G362 EPSON-M-G362 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G550-PC EPSON-M-G550-PC Datasheet
215Kb / 2P
IMU (Inertial Measurement Unit)
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
IMU (Inertial Measurement Unit)
M-V340 EPSON-M-V340 Datasheet
235Kb / 3P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
Accurate, low-power Inertial Measurement Unit (IMU)
BMI261 BOSCH-BMI261 Datasheet
291Kb / 2P
Smart Inertial Measurement Unit (IMU) for Android??OS
BMI270 BOSCH-BMI270 Datasheet
198Kb / 2P
Smart ultra-low power Inertial Measurement Unit (IMU)
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
INERTIAL MEASUREMENT UNIT (IMU)
logo
TDK Electronics
DK-42688-P TDK-DK-42688-P Datasheet
225Kb / 1P
IMU (Inertial Measurement Unit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com