Electronic Components Datasheet Search
  English  ▼

X  

ADS1626IPAPRG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS1626IPAPRG4
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1626IPAPRG4 Datasheet HTML 8Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 9Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 10Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 11Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 12Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 13Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 14Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 15Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
12
TYPICAL CHARACTERISTICS
All specifications at TA = 25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = 2.0V, and RBIAS = 37kΩ,
unless otherwise noted.
SPECTRAL RESPONSE
0
125
250
375
500
625
Frequency (kHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN =10kHz, −2dBFS
SNR = 93dB
THD =
−101dB
SFDR = 104dB
SPECTRAL RESPONSE
0
125
250
375
500
625
Frequency (kHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN = 10kHz, −6dBFS
SNR = 90dB
THD =
−103dB
SFDR = 106dB
SPECTRAL RESPONSE
0
125
250
375
500
625
Frequency (kHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN = 100kHz, − 2dBFS
SNR = 93dB
THD =
−95dB
SFDR = 97dB
SPECTRAL RESPONSE
0
125
250
375
500
625
Frequency (kHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN = 100kHz, − 6dBFS
SNR = 90dB
THD =
−101dB
SFDR = 103dB
SPECTRAL RESPONSE
0
125
250
375
500
625
Frequency (kHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN = 500kHz, − 2dBFS
SNR = 93dB
THD =
−114dB
SFDR = 120dB
SPECTRAL RESPONSE
0
125
250
375
500
625
Frequency (kHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN = 500kHz, − 6dBFS
SNR = 90dB
THD =
−110dB
SFDR = 113dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com