Electronic Components Datasheet Search
  English  ▼

X  

SVT033R5NT Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SVT033R5NT
Description  180A, 30V N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT033R5NT Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SVT033R5NT Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT033R5NT Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT033R5NT Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT033R5NT Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT033R5NT Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT033R5NT Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT033R5NT Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Silan
Microelectronics
SVT033R5NT_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 5 of 7
TYPICAL TEST CIRCUIT
Same Type
as DUT
DUT
VGS
Ig
VDS
VGS
10V
Charge
Qg
Qgs
Qgd
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveform
VDS
VGS
RG
RL
VDD
VGS
VDS
VGS
10%
90%
td(on)
ton
tr
td(off)
toff
tf
Unclamped Inductive Switching Test Circuit & Waveform
VDS
RG
VDD
VGS
L
tp
ID
BVDSS
IAS
VDD
tp
Time
VDS(t)
ID(t)
EAS =
1
2 LIAS
2
BVDSS
BVDSS
VDD
DUT
DUT
Vgs(th)
Qg(th)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com