Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 4Page - NXP Semiconductors LPC55S2X Datasheet HTML 5Page - NXP Semiconductors LPC55S2X Datasheet HTML 6Page - NXP Semiconductors LPC55S2X Datasheet HTML 7Page - NXP Semiconductors LPC55S2X Datasheet HTML 8Page - NXP Semiconductors LPC55S2X Datasheet HTML 9Page - NXP Semiconductors LPC55S2X Datasheet HTML 10Page - NXP Semiconductors LPC55S2X Datasheet HTML 11Page - NXP Semiconductors LPC55S2X Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
6 Pinning information
6.1 Pin description
Table 4 shows the pin functions available on each pin, and for each package. These functions are selectable
using the IOCON control registers.
Some functions, such as ADC or comparator inputs, are available only on specific pins when digital functions
are disabled on those pins. By default, the GPIO function is selected except on pins PIO0_11 an PIO0_12,
which are the serial wire debug pins. This allows debug to operate through reset.
All pins have all pull-ups, pull-downs, and inputs turned off at reset except PIO0_2, PIO0_5, PIO0_11, PIO0_12,
PIO0_13 and PIO0_14 pins. This prevents power loss through pins prior to software configuration. Due to
special pin functions, some pins have a different reset configuration. PIO0_5 and PIO0_12 pins have internal
pull-up enabled by default, and PIO0_2 and PIO0_11 have internal pull-down enabled by default. PIO0_13 and
PIO0_14 are true open drain pins. Refer to pin description table for default reset configuration.
The state of port pin PIO0_5 at Reset determines the boot source of the part or if the handler is invoked.
The external reset pin or 3 wake-up pins can trigger a wake-up from deep power-down mode. For the wake-up
pins, do not assign any function to this pin if it will be used as a wake-up input when using deep power-down
mode. If not in deep power-down mode, a function can be assigned to this pin. If the pin is used for wake-up, it
should be pulled HIGH externally before entering deep power-down mode. A LOW-going pulse as short as 50
ns causes the chip to exit deep power-down mode wakes up the part.
The JTAG functions TRST, TCK, TMS, TDI, and TDO, are selected on pins PIO0_2 to PIO0_6 by hardware
when the part is in boundary scan mode. The JTAG functions cannot be used for debug mode.
Symbol
59 pin
VFBGA
64 pin
HTQFP
98 pin
VFBGA
100 pin
HLQFP
Reset
state
[1]
Type Function
#
Description
I/O;
AI
0
PIO0_0/ACMP0_A
General-purpose digital input/output pin.
Comparator 0, input A if the DIGIMODE bit
is set to 0 and ANAMODE is set to 1 in the
IOCON register for this pin.
1
R
Reserved.
I/O 2
FC3_SCK
Flexcomm 3: USART, SPI, or I2S clock.
O
3
CTIMER0_MAT0
32-bit CTimer0 match output 0.
I
4
SCT0_GPI0
Pin input 0 to SCTimer/PWM.
5
R
Reserved.
I
6
SD1_CARD_INT_N
SD/MMC 1 card interrupt.
PIO0_0/
ACMP0_A
J8
36
L12
54
[2]
Z
7
R
Reserved.
Table 3. Pin description
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
8 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com