Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 126 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 122Page - NXP Semiconductors LPC55S2X Datasheet HTML 123Page - NXP Semiconductors LPC55S2X Datasheet HTML 124Page - NXP Semiconductors LPC55S2X Datasheet HTML 125Page - NXP Semiconductors LPC55S2X Datasheet HTML 126Page - NXP Semiconductors LPC55S2X Datasheet HTML 127Page - NXP Semiconductors LPC55S2X Datasheet HTML 128Page - NXP Semiconductors LPC55S2X Datasheet HTML 129Page - NXP Semiconductors LPC55S2X Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
16 Abbreviations
Acronym
Description
AHB
Advanced High-performance Bus
APB
Advanced Peripheral Bus
API
Application Programming Interface
DMA
Direct Memory Access
FRO oscillator
Internal Free-Running Oscillator, tuned to the factory specified frequency
GPIO
General Purpose Input/Output
FRO
Free Running Oscillator
LSB
Least Significant Bit
MCU
MicroController Unit
PDM
Pulse Density Modulation
PLL
Phase-Locked Loop
SPI
Serial Peripheral Interface
TCP/IP
Transmission Control Protocol/Internet Protocol
TTL
Transistor-Transistor Logic
USART
Universal Asynchronous Receiver/Transmitter
Table 47. Abbreviations
17 Revision history
Document ID
Release date Data sheet status
Change notice Supersedes
20240829
Product data sheet
v2.2
Shortened the descriptive title of the document.
In Table 1 and Table 2 added part numbers "LPC55S28JEV59 & LPC5528JEV59 "
Section 4 Added marking details of "LPC55S28/LPC5528 VFBGA59 package"
Table 3 Added "VFBGA59 pinout details"
LPC55S2X_LPC552X v2.3
Updated the 'First line' under HLQFP100 pacakage marking in Section 4.
Added SDIO delay_i and delay_o parameters in Section 11.14.
LPC55S2X_LPC552X v2.2 20221208
Product data sheet
202212017I
v2.1
• In Section 13.3 updated maximum frequency up to 25 MHz.
• Updated crystal oscillator frequency from 1 MHz to 12 MHz and clock frequencies from 24
MHz to 25 MHz in Section 7.19.1.
• Updated endpoints to 12 physical (6 logical) in Section 7.23.2.1.
• Updated recommended termination of unused pins for XTAL32M_P in Table 4.
• In Table 4, updated pin USBn_3V3 to read "when not using USB, pin can be connected to
ground as well".
• Trustzone configuration removed in Section 2.
• USART3 and OSTIMER data added in Table 19.
• Added Table 17
• In Section 4, replaced "third line" with "Fifth line: zzzyywwxR".
Table 48. Revision history
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
126 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com