Electronic Components Datasheet Search
  English  ▼

X  

7N70FD2 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # 7N70FD2
Description  7A, 700V SUPER JUNCTION MOS POWER TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

7N70FD2 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  7N70FD2 Datasheet HTML 1Page - Silan Microelectronics Joint-stock 7N70FD2 Datasheet HTML 2Page - Silan Microelectronics Joint-stock 7N70FD2 Datasheet HTML 3Page - Silan Microelectronics Joint-stock 7N70FD2 Datasheet HTML 4Page - Silan Microelectronics Joint-stock 7N70FD2 Datasheet HTML 5Page - Silan Microelectronics Joint-stock 7N70FD2 Datasheet HTML 6Page - Silan Microelectronics Joint-stock 7N70FD2 Datasheet HTML 7Page - Silan Microelectronics Joint-stock 7N70FD2 Datasheet HTML 8Page - Silan Microelectronics Joint-stock 7N70FD2 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silan
Microelectronics
SVS7N70F/D/MJ/S/D2_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 2 of 9
ABSOLUTE MAXIMUM RATINGS (UNLESS OTHERWISE NOTED, TA=25
C)
Characteristics
Symbol
Ratings
Unit
SVS7N70FD2
SVS7N70DD2/
MJD2
SVS7N70SD2
Drain-Source Voltage
VDS
700
V
Gate-Source Voltage
VGS
±30
V
Drain Current
TC=25°C
ID
7.0
A
TC=100°C
4.4
Drain Current Pulsed
IDM
28
A
Power Dissipation (TC=25C)
- Derate above 25
C
PD
35
125
89
W
0.3
1.0
0.7
W/
C
Single Pulsed Avalanche Energy (Note 1)
EAS
400
mJ
Body diode (Note 2)
dv/dt
15
V/ns
MOSFET dv/dt ruggedness
(Note 3)
dv/dt
50
V/ns
Operation Junction Temperature Range
TJ
-55~+150
C
Storage Temperature Range
Tstg
-55~+150
C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Ratings
Unit
SVS7N70FD2
SVS7N70DD2/
MJD2
SVS7N70SD2
Thermal Resistance, Junction-to-Case
RθJC
3.7
1.0
1.4
C/W
Thermal Resistance, Junction-to-Ambient
RθJA
62.5
62.0
62.5
C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com