Electronic Components Datasheet Search
  English  ▼

X  

PCA9641BSHP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9641BSHP
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641BSHP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9641BSHP Datasheet HTML 17Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 18Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 19Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 20Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 21Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 22Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 23Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 24Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
21 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
8.6 Register 5: Interrupt Mask register ([B2:B0] = 101b)
8.7 Registers 6 and 7: MB registers ([B2:B0] = 110b and 111b)
Table 13.
INT_MSK - Interrupt Mask register (pointer address 05h) bit description
POR = 7Fh.
Bit
Symbol
Access
Value
Description
7
-
Reserved.
6
BUS_HUNG_MSK
R/W
0
Enable output interrupt when BUS_HUNG
function is set.
1
Disable output interrupt when BUS_HUNG
function is set.
5
MBOX_FULL_MSK
R/W
0
Enable output interrupt when MBOX_FULL
function is set.
1
Disable output interrupt when MBOX_FULL
function is set.
4
MBOX_EMPTY_MSK
R/W
0
Enable output interrupt when MBOX_EMPTY
function is set.
1
Disable output interrupt when MBOX_EMPTY
function is set.
3
TEST_INT_MSK
R/W
0
Enable output interrupt when TEST_INT function
is set.
1
Disable output interrupt when TEST_INT
function is set.
2
LOCK_GRANT_MSK
R/W
0
Enable output interrupt when LOCK_GRANT
function is set.
1
Disable output interrupt when LOCK_GRANT
function is set.
1
BUS_LOST_MSK
R/W
0
Enable output interrupt when BUS_LOST
function is set.
1
Disable output interrupt when BUS_LOST
function is set.
0
INT_IN_MSK
R/W
0
Enable output interrupt when INT_IN function is
set.
1
Disable output interrupt when INT_IN function is
set.
Table 14.
SMB - Shared Mail Box registers (pointer addresses 06h, 07h) bit description
POR = 00h.
Address
Bit
Symbol
Access
Description
06h
7 to 0
MB_LO[7:0]
R/W
Low 8 bits of the mail box.
07h
7 to 0
MB_HI[7:0]
R/W
High 8 bits of the mail box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com