Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5316
Description  Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5316 Datasheet HTML 1Page - PMC-Sierra, Inc PM5316 Datasheet HTML 2Page - PMC-Sierra, Inc PM5316 Datasheet HTML 3Page - PMC-Sierra, Inc PM5316 Datasheet HTML 4Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
2
Document ID: PMC-1990822, Issue 4
Issue
No.
Issue
Date
Details of Change
Issue 4
Mar
2001
De-documented all Transport Path Overhead port (TPOH) functionality
Added Overhead byte processing information in operation section.
Issue 3
Jan
2001
•
Removed TIU2E and TIU2I registers bits from registers 1n2Dh and 1n31h
respectively.
•
DOPJ[1:0] register bit in the TTAL block (register 1nD1h) have been removed.
•
DOPJ[1:0] register bit in the RTAL block (register 1n59h) have been redefined.
•
PRBS monitoring mode needs two bits to be programmed. Mode setting in
both the DPGM (register 1n7Ah) and APGM (register 1nFAh) is now defined via
two mode bits MON_GMODE[1:0].
•
RSOP Section B1 error counters (0m16h and Om17h registers) may also be
transferred upon a write to either register.
•
Master test register bit 3 to 7 are defined as R/W instead of just W.
•
Pin out diagram has changed format to improve readibility but the pinout
remains the SAME.
•
Due to clear on write auxiliary interrupts, tZint timing is specified for
microprocessor writes to clear device interrupt pin.
•
Analog supplies AVD/AVS are specified at 5% instead of 10%.
•
Consistent naming or STM1-CONCAT to STM1_CONCAT (underscore) register
bit in registers 1n00h and 1n80h.
•
Power supply board recommendations have been changed in section 13.8.
Separate supplies are no longer recommended.
•
Specific PECL input currents are given in section 17, D.C. Characteristics.
•
RAD does not contain transmitted K1/K2 bytes under generation of AIS-L on
the transmit stream.
•
TAD port is limited to accumulating a maximum of 15 REI
Issue 2
Sept
2000
•
Additional feature explanations/ clarifications
•
Timing Change on drop interface in 19.44 Mhz mode
•
Addition of register bits CONCAT, TPOH_DIS, ATSI_FORCE and ATSI_RESET
•
Definition changes of LOPCONRALM and PAISCONRALM.
•
Added Section describing loopbacks
•
DC Characteristics up to date and complete
•
Added RTC_EN register bit.
Issue 1
June
2000
Preliminary release of datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com