Electronic Components Datasheet Search
  English  ▼

X  

OA5669 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OA5669
Description  Safety relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OA5669 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OA5669 Datasheet HTML 1Page - List of Unclassifed Manufacturers OA5669 Datasheet HTML 2Page - List of Unclassifed Manufacturers OA5669 Datasheet HTML 3Page - List of Unclassifed Manufacturers OA5669 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Switching current
I [ A ]
safe switch-off, no standing arc
arc max. 1 switching cycle / s
260
220
180
140
100
60
20
0
0,2
0,4
0,7
2
4
6 8 10
U
N
Voltage
Resistance
Design version
DC
range
at 20
°C
OA / OW
V
DC V
Ω
.16
.16
.12
5
4,0...8,0
36
461
991
980
6
4,8...9,6
50
462
992
981
12
9,6...19,2
210
463
993
982
20
16,0...32,0
580
468
998
987
24
19,2...38,4
820
464
994
983
48
38,4...76,8
3 200
465
995
984
60
48,0...96,0
5 200
466
996
985
110
88,0...176
18 000
467
997
986
Characteristics
Operating voltage limit curve
Contact service life (at t
u = 20°C)
Reduction factor for inductive loads
Limit curve for arc-free operation
(at t
u = 20°C)
Technical data
3. 8 Test voltage
contact-coil (1 min)
AC kV eff.
≥ 4
contact-contact (1 min)
AC kV eff.
≥ 4
Transient volt. contact-coil (1,2 - 50
µs)
kV
≥ 6
Clearance and creepage distances as per IEC/EN 60 730, IEC/EN 60 335
contact-coil
mm
≥ 8
contact-contact:
mm
≥ 5,5
3. 9 Weight
g
15
Standard variants
Ordering example
O
5669.16 /
Design version
Contact arrangement
.16 1 NC / 1 NO
.12 2 changeover contacts
.20 1 NO /1changeover contact
Degree of protection
A = IP 40 (solder line proof)
W = IP 67 (wash proof)
Contact material
AgNi
U
max.
without load
B
B
B
U
max.
at 8A load
U
min.
Ambient temperature
0
20
40
60
80°C
U
U
B
N
1,6
1,4
1,2
1,0
0,8
Switching capacity P [ kVA ]
0
0,2
0,4
0,6
0,8 1,0
1,2
1,4 1,6
10
10
10
10
8
7
6
5
6
4
2
2
4
6
2
4
6
AgCdO
AgNi10
Power factor (cos )
Number of cycles =
Number of cycles (ohmic) x reduction factor F
0,2
0,4
0,6
0,8
1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com