Electronic Components Datasheet Search
  English  ▼

X  

OM7764ASM Datasheet(PDF) 1 Page - International Rectifier

Part # OM7764ASM
Description  Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Surface Mount (SMD-6)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7764ASM Datasheet(HTML) 1 Page - International Rectifier

  OM7764ASM Datasheet HTML 1Page - International Rectifier OM7764ASM Datasheet HTML 2Page - International Rectifier OM7764ASM Datasheet HTML 3Page - International Rectifier OM7764ASM Datasheet HTML 4Page - International Rectifier OM7764ASM Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ultra Low Dropout, 3.0A
Adjustable Positive Linear Regulator
5962 - 0323801MXA
Surface Mount (SMD-6)
www.irf.com
1
10/25/06
SMD-6
OM7764ASM
Description
Features:
n Dropout Voltage of 400mV at Full Load
n Wide Input Range: 2.7V to 20V
n Low Noise: 40mVRMS ( 10Hz to 10KHz )
n Fast Transient Response
n No Protection Diodes needed
n Hermetic SMD-6 Package ensures
High Reliability
The OM7764ASM is a 3.0A, ultra low dropout,
adjustable linear regulator specifically designed for
low voltage, high current applications. Housed in a
hermetic package, the dropout of these devices is
400mV at full load. All protective features are
designed into the circuit including thermal shutdown,
current limiting and safe area control. These units are
ideally suited for military/defense, commercial aircraft,
industrial control and other harsh environments where
a hermetically sealed package is required.
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Output Currrent
IO
3.0
A
Input Voltage
VIN
+20
V
Power Dissipation @ Tc = 25°C
PD
20
W
Thermal Resistance, Junction to Case
RθJC
5.0
°C/W
Operating Junction Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature Soldering (10second maximum)
TL
300
Product Summary
Part Number
Output Voltage
Current
Dropout
OM7764ASM
1.21V to 20V
3.0A
0.4V
PD - 94748A


Similar Part No. - OM7764ASM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7764ASM IRF-OM7764ASM Datasheet
181Kb / 5P
Dropout Voltage of 400mV at Full Load
OM7764ASM IRF-OM7764ASM_15 Datasheet
181Kb / 5P
Dropout Voltage of 400mV at Full Load
More results

Similar Description - OM7764ASM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7580SM IRF-OM7580SM Datasheet
66Kb / 4P
Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OM7581SM IRF-OM7581SM Datasheet
52Kb / 4P
Ultra Low Dropout, 10A Adjustable Positive Linear Regulator Surface Mount (SMD-6C)
IRUH33PA13B1M IRF-IRUH33PA13B1M Datasheet
62Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23A1M IRF-IRUH50PA23A1M Datasheet
107Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B20 IRF-IRUH50PA23B20 Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
3.0A Ultra Low Dropout Linear Regulator
logo
International Rectifier
OM7764 IRF-OM7764_13 Datasheet
168Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com