Electronic Components Datasheet Search
  English  ▼

X  

P4C150 Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C150
Description  ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C150 Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C150 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P4C150
Page 6 of 11
Document # SRAM105 REV A
Mode
CS
CS
CS
CS
CS
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST CONDITIONS
Figure 1. Output Load
Figure 2. Thevenin Equivalent
* including scope and test fixture.
Not Selected
RESET
Output Disabled
READ
WRITE
RS
RS
RS
RS
RS
X
L
H
H
H
H
L
L
L
L
OE
OE
OE
OE
OE
X
X
H
L
X
TRUTH TABLE
WE
WE
WE
WE
WE
X
H
H
H
L
Output
High Z
High Z
High Z
D
OUT
High Z
Note:
Due to the ultra-high speed of the P4C150, care must be taken when testing
this device; an inadequate setup can cause a normal functioning part to be
rejected as faulty. Long high-inductance leads that cause supply bounce
must be avoided by bringing the V
CC and ground planes directly up to the
contactor fingers. A 0.01 µF high frequency capacitor is also required
between V
CC and ground. To avoid signal reflections, proper termination
must be used; for example, a 50
Ω test environment should be terminated
into a 50
Ω loadwith1.73V(TheveninVoltage)atthecomparatorinput,and
a 116
Ω resistormustbeusedinserieswithD
OUT to match 166Ω (Thevenin
Resistance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com