Electronic Components Datasheet Search
  English  ▼

X  

PM5343 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5343
Description  SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5343 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5343 Datasheet HTML 1Page - PMC-Sierra, Inc PM5343 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
PMC-1931137 (R6)
© Copyright PMC-Sierra, Inc. 2001. All
rights reserved.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM5343 STXC
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
• Low power, +5 V, CMOS technology.
Device has PECL- and TTL-
compatible inputs and outputs.
• Available in a 160-pin copper
leadframe Plastic Quad Flat Pack
(PQFP) package.
• Supports industrial temperature range
(-40
°C to 85°C) operation.
APPLICATIONS
• OC-N to OC-M Multiplexers
• Add/Drop Multiplexers
• Terminal Multiplexers
• Broadband ISDN User-Network
Interfaces (UNIs)
155 Mbit/s STS-3/STM-1 ADD/
TYPICAL APPLICATIONS
DROP MULTIPLEXER INTERFACE
PM5343
STXC
TXD+/-
TXCI+/-
RXC+/-
RXD+/-
Transmit
Transport
Overhead
Access
Transmit
Alarm Insert
Signals
Receive
Transport
Overhead
Access
Receive
Alarm Detect
Signals
Microbus for
Configuration,
Status and
Control
ROFP
RICLK
ROUT[7:0]
GRICLK
TOFP
TICLK
TIN[7:0]
GTICLK
PM5344
SPTX
FPOUT
TCK
TD[7:0]
IFP
PICLK
RD[7:0]
ACK
AC1J1V1
APL
AD[7:0]
ADP
DCK
DC1J1V1
DPL
DD[7:0]
DDP
TelecomBus
Add Interface
TelecomBus
Drop Interface
Receive
Path
Overhead
Access
Receive
Alarm Detect
Signals
Microbus for
Configuration,
Status and
Control
Transmit Path
Overhead
Access
Transmit
Alarm Insert
Signals
Clock
Generation
Clock/Data
Recovery
O/E
E/O
RSD+/-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com