Electronic Components Datasheet Search
  English  ▼

X  

STAC9272 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # STAC9272
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9272 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button STAC9272 Datasheet HTML 35Page - Integrated Device Technology STAC9272 Datasheet HTML 36Page - Integrated Device Technology STAC9272 Datasheet HTML 37Page - Integrated Device Technology STAC9272 Datasheet HTML 38Page - Integrated Device Technology STAC9272 Datasheet HTML 39Page - Integrated Device Technology STAC9272 Datasheet HTML 40Page - Integrated Device Technology STAC9272 Datasheet HTML 41Page - Integrated Device Technology STAC9272 Datasheet HTML 42Page - Integrated Device Technology STAC9272 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
39
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.2.7.
AFG InAmpCap
6.2.8.
AFG SupPwrState
Table 26. AFG InAmpCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
0D
See bitfield table.
Table 27. AFG InAmpCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x0
No mute capability
[30.:23]
Rsvd3
R
0x0
Reserved
[22.:16]
StepSize
R
0x5
Size of each step in the gain range = 1.5dB
[15]
Rsvd2
R
0x0
Reserved
[14.:8]
NumSteps
R
0x0E
Number of steps in the gain range = 15 (0dB
to 22.5 dB)
[7]
Rsvd1
R
0x0
Reserved
[6.:0]
Offset
R
0x00
0dB-step is programmed with this offset
Table 28. AFG SupPwrState
Command Verb Format
Verb ID
Payload
Response
Get
F00
0F
See bitfield table.
Table 29. AFG SupPwrState
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:4]
Rsvd
R
0x0
Reserved
[3]
D3Sup
R
0x1
Power State D3 is supported. Allows for lowest possible
power consuming state under software control (and still
properly respond to a subsequent Power State command).
[2]
D2Sup
R
0x1
Power State D2 is supported. Allows for lowest possible
power consuming state from which it can return to fully on
state within 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com