Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5345
Description  S/UNI-155 SATURN USER NETWORK INTERFACE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5345 Datasheet HTML 1Page - PMC-Sierra, Inc PM5345 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-920524 (R8)
© 1997 PMC-Sierra, Inc.. March, 1997
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5345
Summary Information
FEATURES
• Monolithic SATURN™ SONET/SDH
Asynchronous Transfer Mode User
Network LAN Interface.
• Implements the ATM transmission
convergence (TC) sublayer for
Broadband ISDN according to ANSI
T1.646, ITU-T Recommendation
I.432 and ATM Forum document
"ATM User-Network Interface
Specification", Version 3.1.
• Operates at 19.44 Mbytes/s,
processing a duplex 8-bit or 16-bit
data stream and mapping ATM cells
into a SONET STS-3c or SDH STM-1
compatible bit serial stream operating
at 155 Mbit/s.
• Provides on-chip parallel-to-serial
and serial-to-parallel conversion
circuits and pseudo-ECL interfaces
operating at the155 Mbit/s line rate.
• Provides 4 cell deep FIFO buffers in
both transmit and receive paths and
provides interface circuitry for
external FIFO expansion.
• Expansion ports provides access to
all overhead to allow external
processing for full SONET/SDH
Network-Node Interface (NNI)
compliance.
• Provides a generic 8-bit
microprocessor bus interface for
configuration, control and status
monitoring.
• Provides a standard 5-signal
P1149.1 JTAG test port for boundary
scan board test purposes.
• Provides TTL compatible inputs and
outputs and a pseudo-ECL
compatible serial line side interface.
• Low power, +5 Volt CMOS
technology.
• 160 pin plastic quad flat pack (PQFP)
package.
APPLICATIONS
• ATM LAN interfaces for computers,
workstations, switches and PCs
• ATM public network switching system
interfaces
• B-ISDN User-Network Interfaces
• B-ISDN test equipment interfaces
• Gigabit network interfaces
Tx ATM
4 Cell
FIFO
Rx ATM
4 Cell
FIFO
Drop
Side/
I/F
Line
Side
I/F
POUT[7:0]
POCLK
PIN[7:0]
PICLK
FPIN
OOF
Tx
Path
O/H
Processor
Rx
Path
O/H
Processor
TDAT[15:0]
TCA
TSOC
RDAT[15:0]
RSOC
Microprocessor
I/F
Transport
Overhead
Extract
Transport
Overhead
Insert
Tx
Section
O/H
Processor
Tx
Line O/H
Processor
Rx
Section
O/H
Processor
Rx
Line O/H
Processor
TWRB
FPOUT
Tx ATM
Cell
Processor
Rx ATM
Cell
Processor
RCA
RRDB
JTAG Test
Access Port
TXD+/-
Par/
Ser
TXCI+/-
RXD+/-
Ser/
Par
RXC+/-
TXCO+/-
Path
Overhead
Insert
Path
Overhead
Extract
FPOS
System Side
Line Side
BLOCK DIAGRAM


Similar Part No. - PM5345

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
614Kb / 196P
SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PM5345-RC PMC-PM5345-RC Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5345-RC PMC-PM5345-RC Datasheet
614Kb / 196P
SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PM5345S PMC-PM5345S Datasheet
614Kb / 196P
SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
More results

Similar Description - PM5345

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
65Kb / 2P
155 Mb/s SATURN User Network Interface for LANs
PM5347 PMC-PM5347 Datasheet
81Kb / 2P
155 Mb/s SATURN User Network Interface for WANs
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
SATURN USER NETWORK INTERFACE (155-QUAD)
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5351 PMC-PM5351 Datasheet
1Mb / 393P
SATURN USER NETWORK INTERFACE (155-TETRA)
PM5352 PMC-PM5352 Datasheet
699Kb / 77P
SATURN USER NETWORK INTERFACE 155 (STAR)
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com