Electronic Components Datasheet Search
  English  ▼

X  

STAC9200 Datasheet(PDF) 79 Page - Integrated Device Technology

Part # STAC9200
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200 Datasheet(HTML) 79 Page - Integrated Device Technology

Back Button STAC9200 Datasheet HTML 75Page - Integrated Device Technology STAC9200 Datasheet HTML 76Page - Integrated Device Technology STAC9200 Datasheet HTML 77Page - Integrated Device Technology STAC9200 Datasheet HTML 78Page - Integrated Device Technology STAC9200 Datasheet HTML 79Page - Integrated Device Technology STAC9200 Datasheet HTML 80Page - Integrated Device Technology STAC9200 Datasheet HTML 81Page - Integrated Device Technology STAC9200 Datasheet HTML 82Page - Integrated Device Technology STAC9200 Datasheet HTML 83Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
79
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
5.14.3. InPortMux WCap
Table 164. InPortMux WCap Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table
Table 165. InPortMux WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
Rsvd2
R
0x0
Reserved
[23.:20]
Type
R
0x3
Widget type = Audio Selector
[19.:16]
Delay
R
0x0
Number of sample delays through widget
[15.:12]
Rsvd1
R
0x0
Reserved
[11]
SwapCap
R
0x0
No left/right channel swap capability
[10]
PwrCntrl
R
0x0
No support for Power State control
[9]
DigitalStrm
R
0x0
Widget supports an Analog stream
[8]
ConnList
R
0x1
Connection list is present
[7]
UnsolCap
R
0x0
No support for Unsolicited Response
[6]
ProcWidget
R
0x0
No Processing Controls parameter.
[5]
Stripe
R
0x0
No support for striping
[4]
FormatOvrd
R
0x0
No format info; use default format parameters from
Audio Function node instead
[3]
AmpParamOvrd
R
0x1
This widget contains its own amplifier parameters.
[2]
OutAmpPrsnt
R
0x1
Output amp is present
[1]
InAmpPrsnt
R
0x0
No input amp
[0]
Stereo
R
0x1
Stereo widget



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com