Electronic Components Datasheet Search
  English  ▼

X  

PM5346 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5346
Description  S/UNI-LITE ERRATA NOTICE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5346 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5346 Datasheet HTML 1Page - PMC-Sierra, Inc PM5346 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
PM5346 S/UNI-155-LITE
155 Mb/s SATURN User Network Interface for LANs
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is
available on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-930908 (R9)
 1998 PMC-Sierra, Inc.
October, 1998
SATURN, SCI-PHY,
S/UNI-155-LITE, and UNI-PHY are
trademarks of PMC-Sierra, Inc.
This product contains
patented ATM cell
delination technology under
license from Cisco
Systems, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
TYPICAL 155.52 Mbit/s JITTER PERFORMANCE
TYPICAL APPLICATION: UNI-PHY ATM TERMINAL
155.52 OR 51.84 Mbit/s NRZ PHY
Jitter Freq. (Hz)
0.1
1
10
10 0
100
100 0
10000
1000 00
100 0000
10000 000
GR-2 53-C ORE
TXD+/-
RXD+/-
TXPRTY
ATM
Segmentation and
Reassembly
or
Switch Core
TDAT[7:0]
TSOC
TFCLK
TWRENB
TCA
RXPRTY
RDAT[7:0]
RSOC
RFCLK
RRDENB
RCA
Line Driver
and
Transformer
Transformer
and Line
Receiver
PM5346
S/UNI®-155-LITE
155 Mbit/s SATURN®
User Network Interface
for LANs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com