Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT801VCVL4A Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PIMXRT801VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT801VCVL4A Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PIMXRT801VCVL4A Datasheet HTML 60Page - NXP Semiconductors PIMXRT801VCVL4A Datasheet HTML 61Page - NXP Semiconductors PIMXRT801VCVL4A Datasheet HTML 62Page - NXP Semiconductors PIMXRT801VCVL4A Datasheet HTML 63Page - NXP Semiconductors PIMXRT801VCVL4A Datasheet HTML 64Page - NXP Semiconductors PIMXRT801VCVL4A Datasheet HTML 65Page - NXP Semiconductors PIMXRT801VCVL4A Datasheet HTML 66Page - NXP Semiconductors PIMXRT801VCVL4A Datasheet HTML 67Page - NXP Semiconductors PIMXRT801VCVL4A Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
64
NXP Semiconductors
Electrical Characteristics
4.8.2
A/D converter
This section introduces information about A/D converter.
4.8.2.1
12-bit ADC electrical characteristics
The section provide information about 12-bit ADC electrical characteristics.
4.8.2.1.1
12-bit ADC operating conditions
Efficiency
90% max
@150 mA
Low power mode
Open loop mode
Ripple is about 15 mV in Run mode
Run mode
• Always continuous mode
• Support discontinuous mode
Configurable by register
Inductor
4.7 H
—
Capacitor
33 F
—
Over voltage protection
1.55 V
Detect VDDSOC, when the voltage is higher
than 1.6 V, shutdown DCDC.
Over Current protection
1 A
Detect the peak current
• Run mode: when the current is larger than
1 A, shutdown DCDC.
Low DCDC_IN detection
2.6 V
Detect the DCDC_IN, when battery is lower
than 2.6 V, shutdown DCDC.
Table 54. 12-bit ADC operating conditions
Characteristic
Conditions
Symb
Min
Typ1
Max
Unit
Comment
Supply voltage
Absolute
VDDA
3.0
-
3.6
V
—
Delta to
VDDA_ADC_3P3
(VDD-VDDA)2
VDDA
-100
0
100
mV
—
Ground voltage
Delta to VSS
(VSS-VSSAD)
VSSAD
-100
0
100
mV
—
Ref Voltage High
—
VDDA
1.13
VDDA
VDDA
V
—
Ref Voltage Low
—
VSS
VSS
VSS
VSS
V
—
Input Voltage
—
VADIN
VSS
—
VDDA
V
—
Input Capacitance
8/10/12 bit modes
CADIN
—
1.5
2
pF
—
Input Resistance
ADLPC=0, ADHSC=1
RADIN
—
5
7
kohms
—
ADLPC=0, ADHSC=0
—
12.5
15
kohms
—
ADLPC=1, ADHSC=0
—
25
30
kohms
—
Table 53. DCDC electrical specifications (continued)
Mode
Buck mode, one output
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com