Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT102VCVL4A Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PIMXRT102VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT102VCVL4A Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PIMXRT102VCVL4A Datasheet HTML 59Page - NXP Semiconductors PIMXRT102VCVL4A Datasheet HTML 60Page - NXP Semiconductors PIMXRT102VCVL4A Datasheet HTML 61Page - NXP Semiconductors PIMXRT102VCVL4A Datasheet HTML 62Page - NXP Semiconductors PIMXRT102VCVL4A Datasheet HTML 63Page - NXP Semiconductors PIMXRT102VCVL4A Datasheet HTML 64Page - NXP Semiconductors PIMXRT102VCVL4A Datasheet HTML 65Page - NXP Semiconductors PIMXRT102VCVL4A Datasheet HTML 66Page - NXP Semiconductors PIMXRT102VCVL4A Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
63
Figure 33. SPDIF_SR_CLK timing diagram
Figure 34. SPDIF_ST_CLK timing diagram
4.8
Analog
The following sections provide information about analog interfaces.
4.8.1
DCDC
Table 53 introduces the DCDC electrical specifications.
SPDIF_SR_CLK high period
srckph
16.0
—
ns
SPDIF_SR_CLK low period
srckpl
16.0
—
ns
Modulating Tx clock (SPDIF_ST_CLK) period
stclkp
40.0
—
ns
SPDIF_ST_CLK high period
stclkph
16.0
—
ns
SPDIF_ST_CLK low period
stclkpl
16.0
—
ns
Table 53. DCDC electrical specifications
Mode
Buck mode, one output
Notes
Input voltage
3.3 V
Min = 2.8 V, Max = 3.6 V
Output voltage
1.1 V
Configurable 0.8 - 1.575 with 25 mV one step
in Run mode
Max loading
500 mA
—
Loading in low power modes
200 A ~ 30 mA
—
Table 52. SPDIF timing parameters (continued)
Characteristics
Symbol
Timing Parameter Range
Unit
Min
Max
SPDIF_SR_CLK
(Output)
VM
VM
srckp
srckph
srckpl
SPDIF_ST_CLK
(Input)
VM
VM
stclkp
stclkph
stclkpl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com