Electronic Components Datasheet Search
  English  ▼

X  

PM5346 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5346
Description  155 Mb/s SATURN User Network Interface for LANs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5346 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5346 Datasheet HTML 1Page - PMC-Sierra, Inc PM5346 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-930908 (R9)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
 1998 PMC-Sierra, Inc. October,
PM5346
PMC-Sierra,Inc.
155 Mb/s SATURN User Network Interface for LANs
S/UNI-155-LITE
FEATURES
• Low-cost, monolithic SATURN®
SONET/SDH ATM User Network
Interface (UNI).
• Implements the ATM transmission
convergence (TC) sublayer according
to ATM Forum specifications using the
SONET/SDH 155.52 Mbit/s STS- 3c/
STM-1, and 51.84 Mbit/s STS-1
formats.
• Supports ATM-Forum mid-range PHY
and PMC-Sierra UNI-PHY™ subrates
at 25.92 and 12.96 Mbit/s.
• Supports UTP-5 or STP twisted pair
wiring interface devices and optical
driver and receiver modules for fiber
optic cable interfaces.
• Includes on-chip, Bellcore-compliant
clock recovery and clock synthesis.
• Operates in timing master or timing
slave (loop timed) modes.
• Frames to SONET/SDH framing bytes
(A1 and A2), processes the section
and line Bit Interleaved Parity (B1 and
B2) and the Far-End Block Error (Z2)
bytes.
• Interprets the H1, H2, and H3 payload
pointer bytes.
• Processes the SONET path overhead
BIP-8 (B3), signal label (C2), and path
status (G1) bytes.
• Inserts and extracts ATM payloads
using ATM cell delineation.
• Provides on-chip FIFO buffers in both
transmit and receive paths.
• Provides on-chip support for Generic
Flow Control (GFC) and XOFF flow
control.
• Provides a synchronous, 8-bit, plus-
parity SATURN-Compliant Interface for
PHYsical layer devices (SCI-PHY™)
bus operating at 33 MHz.
• Compatible with ATM Forum UTOPIA
interface format, with support for multi-
PHY applications.
• Provides a generic 8-bit
microprocessor bus interface for
configuration, control, and monitoring.
• Provides TTL-compatible inputs and
outputs and differential PECL inputs.
• Low power, +5 V CMOS technology.
• Packaged in a 128-pin 14 mm by
20 mm Plastic Quad Flat Pack (PQFP)
with 0.5 mm lead pitch.
APPLICATIONS
• 155.52, 51.84, 25.92 and 12.96 Mbit/s
Twisted Pair or Optical ATM LANs
• Workstations and Personal Computer
NIC Cards
• Switches, Hubs, and Router Port
Cards
• SONET- or SDH-Compliant ATM UNIs
Clock
Generator
TRCLK+
TRCLK-
TXC+
TXC-
TXD+
TSOC
TXD-
RXDO+
ALOS+
ALOS-
Microprocessor
Interface
Driver
Parallel
to Serial
Serial to
Parallel
Data
Recovery
RXD+
RXD-
RXDO-
Clock
Recovery
RRCLK+
RRCLK-
Transmit
Framer and
Overhead
Processor
Receive
Framer and
Overhead
Processor
Transmit ATM
Cell
Processor
Receive ATM
Cell
Processor
Transmit ATM
Cell FIFO
Receive ATM
Cell FIFO
TXPRTY
TDAT[7:0]
TFCLK
TWRENB
TCA
RSOC
RXPRTY
RDAT[7:0]
TSEN
RFCLK
RRDENB
RCA
Line Side
System Side
BLOCK DIAGRAM


Similar Part No. - PM5346

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5346 PMC-PM5346 Datasheet
59Kb / 2P
S/UNI-LITE ERRATA NOTICE
PM5346 PMC-PM5346 Datasheet
536Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 Mbit/s)
PM5346 PMC-PM5346 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346 PMC-PM5346 Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
More results

Similar Description - PM5346

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5347 PMC-PM5347 Datasheet
81Kb / 2P
155 Mb/s SATURN User Network Interface for WANs
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
SATURN USER NETWORK INTERFACE (155-QUAD)
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5351 PMC-PM5351 Datasheet
1Mb / 393P
SATURN USER NETWORK INTERFACE (155-TETRA)
PM5352 PMC-PM5352 Datasheet
699Kb / 77P
SATURN USER NETWORK INTERFACE 155 (STAR)
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com