Electronic Components Datasheet Search
  English  ▼

X  

STAC9758 Datasheet(PDF) 79 Page - Integrated Device Technology

Part # STAC9758
Description  HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9758 Datasheet(HTML) 79 Page - Integrated Device Technology

Back Button STAC9758 Datasheet HTML 75Page - Integrated Device Technology STAC9758 Datasheet HTML 76Page - Integrated Device Technology STAC9758 Datasheet HTML 77Page - Integrated Device Technology STAC9758 Datasheet HTML 78Page - Integrated Device Technology STAC9758 Datasheet HTML 79Page - Integrated Device Technology STAC9758 Datasheet HTML 80Page - Integrated Device Technology STAC9758 Datasheet HTML 81Page - Integrated Device Technology STAC9758 Datasheet HTML 82Page - Integrated Device Technology STAC9758 Datasheet HTML 83Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 119 page
background image
STAC9758/9759
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
PC AUDIO
IDT™
79
STAC9758/9759
V 1.2 1206
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
8.3.7.
SPDIF Control (3Ah)
Default: 2000h
Bit(s)
Reset Value
R/W
Name
Description
15
1
RW
MUTE
0 = Left Surround not muted
1 = Left Surround muted
14
0
RO
RESERVED
Bit not used, should read back 0
13
0
WO
LSR5
If a 1 is written to this bit, then LSR<4:0> is loaded with 11111b.
This bit always reads 0.
12:8
0
RW
LSR[4:0]
00h = 00000b =
0.0 dB attenuation
01h = 00001b = -1.5 dB attenuation
.....
1Fh = 11111b = -46.5 dB attenuation
7
1
RW
MUTE
0 = Right Surround not muted
1 = Right Surround muted
6
0
RO
RESERVED
Bit not used, should read back 0
5
0
WO
RSR5
If a 1 is written to this bit, then RSR<4:0> is loaded with 11111b.
This bit always reads 0.
4:0
0
RW
RSR[4:0]
00h = 00000b =
0.0 dB attenuation
01h = 00001b = -1.5 dB attenuation
.....
1Fh = 11111b = -46.5 dB attenuation
D15
D14
D13
D12
D11
D10
D9
D8
V
DRS
SPSR1
SPSR2
L
CC6
CC5
CC4
D7
D6
D5
D4
D3
D2
D1
D0
CC3
CC2
CC1
CC0
PRE
COPY
/AUDIO
PRO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com