| Electronic Components Datasheet Search |
|
PIMXRT201VCJM4A Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT201VCJM4A Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 119 page ![]() i.MX RT1060 Introduction i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024 NXP Semiconductors 3 – Periodical interrupt generation — Four Quad Timers (QTimer) – 4-channel generic 16-bit resolution timer for each – Each support standard capture and compare operation – Quadrature decoder integrated — Four FlexPWMs – Up to 8 individual PWM channels per each – 16-bit resolution PWM suitable for Motor Control applications — Four Quadrature Encoder/Decoders Each i.MX RT1060 processor enables the following interfaces to external devices (some of them are muxed and not available simultaneously): • Display Interface: — Parallel RGB LCD interface – Support 8/16/24 bit interface – Support up to WXGA resolution – Support Index color with 256 entry x 24 bit color LUT – Smart LCD display with 8/16-bit MPU/8080 interface • Audio: — S/PDIF input and output — Three synchronous audio interface (SAI) modules supporting I2S, AC97, TDM, and codec/DSP interfaces — MQS interface for medium quality audio via GPIO pads • Generic 2D graphics engine: — BitBlit — Flexible image composition options—alpha, chroma key — Porter-duff blending — Image rotation (90, 180, 270) — Image size — Color space conversion — Multiple pixel format support (RGB, YUV444, YUV422, YUV420, YUV400) — Standard 2D-DMA operation • Camera sensors: — Support 24-bit, 16-bit, and 8-bit CSI input • Connectivity: — Two USB 2.0 OTG controllers with integrated PHY interfaces — Two Ultra Secure Digital Host Controller (uSDHC) interfaces – MMC 4.5 compliance with HS200 support up to 200 MB/sec |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |