Electronic Components Datasheet Search
  English  ▼

X  

AON4413 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON4413
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON4413 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON4413 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON4413 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON4413 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON4413 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AON4413
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
-1
TJ = 55°C
-5
IGSS
±100
nA
VGS(th)
-1.5
-2
-2.5
V
ID(ON)
-25
A
38
46
TJ=125°C
54
65
48
60
m
Ω
gFS
11
S
VSD
0.77
-1
V
IS
-3
A
Ciss
668
830
pF
Coss
126
pF
Crss
92
pF
Rg
69
Ω
Qg (10V)
12.7
17
nC
Qg (4.5V)
6.4
8.5
nC
Qgs
2nC
Qgd
4nC
tD(on)
7.7
ns
tr
6.8
ns
tD(off)
20
ns
tf
10
ns
trr
22
30
ns
Qrr
15
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-6.5A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID = -250µA, VGS = 0V
VGS = -10V, VDS = -5V
VGS = -10V, ID = -6.5A
Reverse Transfer Capacitance
IF=-6.5A, dI/dt=100A/µs
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS = VGS ID = -250µA
VDS = -30V, VGS = 0V
VDS = 0V, VGS = ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
m
Ω
VGS = -6V, ID = -5.3A
IS = -1A,VGS = 0V
VDS = -5V, ID = -6.5A
SWITCHING PARAMETERS
Total Gate Charge (4.5V)
Gate Source Charge
Gate Drain Charge
Total Gate Charge (10V)
VGS=-10V, VDS=-15V, ID=-6.5A
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-15V, RL=2.3Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
DYNAMIC PARAMETERS
Maximum Body-Diode Continuous Current
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=0V, VDS=-15V, f=1MHz
Input Capacitance
Output Capacitance
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A = 25°C.
The value in any a given application depends on the user's specific board design. The current rating is based on the t
≤
10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using < 300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Rev1: June 2007
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com