Electronic Components Datasheet Search
  English  ▼

X  

PM5350 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5350
Description  SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5350 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5350 Datasheet HTML 1Page - PMC-Sierra, Inc PM5350 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM5350
PMC-Sierra,Inc.
155 Mb/s SATURN User Network Interface
S/UNI-155-ULTRA
PMC-960709 (R4)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
 1998 PMC-Sierra, Inc.
FEATURES
• Low-cost, monolithic SATURN®
SONET/SDH ATM User Network
Interface (UNI) for category-5 (UTP-5),
Shielded Twisted Pair (STP) and
optical applications.
• Implements the ATM Transmission
Convergence (TC) sublayer according
to ATM Forum specifications using the
SONET/SDH 155.52 Mb/s STS- 3c/
STM-1 and 51.84 Mb/s STS-1 formats.
• Provides on-chip UTP/STP drivers,
receivers, and line equalizers to allow
direct connection to 155 Mb/s UTP-5
or STP twisted pair wiring facilities
using line coupling transformers.
• Provides a selectable UTP/STP or
Pseudo-ECL (PECL) interface to allow
direct connection to Optical Data Links
(ODLs).
• Includes clock recovery and clock
synthesis with on-chip loop filters.
• Operates in timing master or timing
slave (loop timed) modes.
• Frames to SONET/SDH framing bytes
(A1, A2), processes the section and
line Bit Interleaved Parity (B1, B2) and
the Far-End Block Error (Z2) bytes.
• Interprets the H1, H2, and H3 payload
pointer bytes.
• Processes the SONET path overhead
BIP-8 (B3), signal label (C2) and path
status (G1) bytes.
• Inserts and extracts ATM payloads
using ATM cell delineation.
• Provides on-chip FIFO buffers in both
transmit and receive paths.
• Provides on-chip support for GFC and
XOFF flow control.
• Provides a synchronous 8-bit plus
parity SATURN-Compliant Interface for
PHYsical layer devices (SCI-PHY™)
bus operating at 50 MHz.
• Compatible with ATM Forum UTOPIA
interface format.
• Provides a generic 8-bit
microprocessor bus interface for
configuration, control, and monitoring.
• Provides TTL-compatible inputs and
outputs and differential PECL inputs.
• Low power, +5 V CMOS technology.
• Packaged in a 128-pin, 14 mm by
20 mm Plastic Quad Flat Pack (PQFP)
with 0.5 mm lead pitch.
APPLICATIONS
• 155.52 or 51.84 Mb/s twisted pair or
optical ATM LANs
• Workstations and Personal Computer
NIC Cards
• Switches, Hubs, and Router Port
Cards
• SONET- or SDH-Compliant ATM UNIs
BLOCK DIAGRAM
Analog Edge
Microprocessor
Interface
RXD+
RXD-
TXD+
TXD-
TCA
TWRENB
TFCLK
RRDENB
RFCLK
RDAT[7:0]
RCA
RSOC
RXPRTY
TSEN
TXPRTY
TDAT[7:0]
TSOC
Transmit
ATM
4-Cell FIFO
LED
Control
Serial
to
Parallel
Receive
ATM Cell
Processor
Twisted
Pair Rx
Clock/Data
Recovery
Clock
Generator
Twisted
Pair Tx
SD
Receive
ATM
4-Cell FIFO
Receive
Framer and
Overhead
Processor
Parallel
to
Serial
Transmit
Framer and
Overhead
Processor
Transmit
ATM Cell
Processor


Similar Part No. - PM5350

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results

Similar Description - PM5350

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
536Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 Mbit/s)
PM5347 PMC-PM5347 Datasheet
909Kb / 2P
SATURN USER NETWORK INTERFACE PLUS(155.52 MBIT/S & 51.84 MBIT/S,
PM5348 PMC-PM5348 Datasheet
948Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com