Electronic Components Datasheet Search
  English  ▼

X  

PM5350 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5350
Description  155 Mb/s SATURN User Network Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5350 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5350 Datasheet HTML 1Page - PMC-Sierra, Inc PM5350 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
PM5350 S/UNI-155-ULTRA
155 Mb/s SATURN User Network Interface
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-960709 (R4)
 1998 PMC-Sierra, Inc.
October, 1998
SATURN, SCI-PHY, and
S/UNI-155-ULTRA are
trademarks of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
TYPICAL APPLICATION
ATM ADAPTER INTERFACE
RCA
RJ-45
PM5350
S/UNI®-ULTRA
155 Mbit/s SATURN®
User Network Interface
TXPRTY
Receive AAL
Processor
TDAT[7:0]
TSOC
TFCLK
TWRENB
TCA
RXPRTY
RDAT[7:0]
RSOC
RFCLK
RRDENB
19.44 MHz
Oscillator
ATM Terminal
TXD+
TXD-
RXD+
RXD-
REFCLK
Magnetics
Receive
Transmit
SCI-PHY/UTOPIA
Interface
UTP-5 Facility
Transmit AAL
Processor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com