Electronic Components Datasheet Search
  English  ▼

X  

PM5351 Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM5351
Description  Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM5351 Datasheet HTML 1Page - PMC-Sierra, Inc PM5351 Datasheet HTML 2Page - PMC-Sierra, Inc PM5351 Datasheet HTML 3Page - PMC-Sierra, Inc PM5351 Datasheet HTML 4Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PMC-Sierra, Inc.
105 - 8555 Baxter Place Burnaby, BC Canada V5A 4V7 604 .415.6000
Issue
No.
Issue Date
Details of Change
6
December,
1999
General update including:
• Page 17 – Signal Detect connection information
• Page 18 – Power info when using 155.52 transmit clocks
• Page 24,32 – Clarification on use of TENB and RENB
• Page 37 – PHY_OEN operation when the TETRA is
shared with other PHY devices on the same bus
• Page 38 – Device initialization information
• Page 40 – 220nf X7R 10% ceramatic capacitor used to
meet jitter transfer specifications
• Page 42 – Pull-up resistor on QAVD signals needed to
avoid latchup during power-up
• Page 60, 214, 234 – Maximum packet length should be
set no greater than 0xFFFE
• Page 66 – Packets are not aborted in overrun conditions
• Page 72 – RPA assertion information
• Page 86 – Revision ID bits incremented
• Page 105 – LANB_WAN bit added to select between jitter
transfer and non jitter transfer mode of operations
• Page 152 – Path far end receiver failure alarm persistence
bit info updated
• Page 161 – Info on setting Path Signal Label for POS
mode
• Page 176 – FIFO reset should be performed after FIFO
overrrun
• Page 210 – Register bit added to select between abort
sequence or flag insertion under a drop path AIS condition
• Page 216 – Maximum Receive Packet Available High
Water Mark is 0xF0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com