Electronic Components Datasheet Search
  English  ▼

X  

P4C169 Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C169
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C169 Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C169 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Document # SRAM107 REV A
Revised October 2005
P4C168, P4C169, P4C170
ULTRA HIGH SPEED 4K x 4
STATIC CMOS RAMS
DESCRIPTION
The P4C168, P4C169 and P4C170 are a family of
16,384-bit ultra high-speed static RAMs organized as 4K
x 4. All three devices have common input/output ports.The
P4C168 enters the standby mode when the chip enable
(CE) control goes HIGH; with CMOS input levels, power
consumption is only 83mW in this mode. Both the P4C169
and the P4C170 offer a fast chip select access time that
is only 67% of the address access time. In addition, the
P4C170 includes an output enable (OE) control to elimi-
nate data bus contention. The RAMs operate from a
single 5V ± 10% tolerance power supply.
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 12/15/20/25/35ns (Commercial)
– 20/25/35/45/55/70ns (P4C168 Military)
Low Power Operation (Commercial)
– 715 mW Active
– 193 mW Standby (TTL Input) P4C168
– 83 mW Standby (CMOS Input) P4C168
Single 5V±10% Power Supply
Fully TTL Compatible, Common I/O Ports
Three Options
– P4C168 Low Power Standby Mode
– P4C169 Fast Chip Select Control
– P4C170 Fast Chip Select, Output Enable
Controls
Standard Pinout (JEDEC Approved)
– P4C168: 20-pin DIP, SOJ, LCC, SOIC,
CERPACK, and Flat Pack
– P4C169: 20-pin DIP and SOIC
– P4C170: 22-pin DIP
Access times as fast as 12 nanoseconds are available,
permitting greatly enhanced system operating speeds.
CMOS is used to reduce power consumption to a low 715
mW active, 193 mW standby.
The P4C168 and P4C169 are available in 20-pin (P4C170
in 22-pin) 300 mil DIP packages providing excellent
board level densities. The P4C168 is also available in 20-
pin 300 mil SOIC, SOJ, CERPACK, and Flat Pack
packages.
The P4C169 is also available in a 20-pin 300 mil SOIC
package.
PIN CONFIGURATIONS
FUNCTIONAL BLOCK DIAGRAM
P4C168
P4C169
DIP (P2, C6, D2)
DIP (P2)
SOIC (S2)
SOIC (S2)
SOJ (J2)
CERPACK (F2)
SOLDER SEAL FLAT PACK (FS-2)
P4C170
DIP (P3)


Similar Part No. - P4C169

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C169 ETC1-P4C169 Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16912DC ETC1-P4C16912DC Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16912DM ETC1-P4C16912DM Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16912DMB ETC1-P4C16912DMB Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16912JC ETC1-P4C16912JC Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C169

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com