Electronic Components Datasheet Search
  English  ▼

X  

NCEP1260F Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCEP1260F
Description  NCE N-Channel Super Trench Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCEP1260F Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCEP1260F Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP1260F Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP1260F Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP1260F Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP1260F Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP1260F Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP1260F Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Co., Ltd
Page
V1.0
1
NCEP1260F
Pb Free Product
http://www.ncepower.com
NCE N-Channel Super Trench Power MOSFET
Description
The NCEP1260F uses Super Trench technology that is
uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and
switching power losses are minimized due to an extremely
low combination of RDS(ON) and Qg. This device is ideal for
high-frequency switching and synchronous rectification.
General Features
●
VDS =120V,ID =60A
RDS(ON) =10mΩ(typical) @ VGS=10V
●
Excellent gate charge x RDS(on) product(FOM)
●
Very low on-resistance RDS(on)
●
175 °C operating temperature
●
Pb-free lead plating
●
100% UIS tested
Application
●
DC/DC Converter
●
Ideal for high-frequency switching and synchronous
rectification
100% UIS TESTED!
100% ∆Vds TESTED!
Schematic diagram
Marking and pin assignment
TO-220F top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCEP1260F
NCEP1260F
TO-220F
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
120
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
60
A
Drain Current-Continuous(TC=100 )
℃
ID (100℃)
42.4
A
Pulsed Drain Current
IDM
240
A
Maximum Power Dissipation
PD
30
W
Derating factor
0.2
W/℃
Single pulse avalanche energy
(Note 5)
EAS
290
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
5
/W
℃


Similar Part No. - NCEP1260F

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCEP1520K NCEPOWER-NCEP1520K Datasheet
391Kb / 7P
NCE N-Channel Super Trench Power MOSFET
V1.1
NCEP1580GU NCEPOWER-NCEP1580GU Datasheet
302Kb / 6P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11 NCEPOWER-NCEP15T11 Datasheet
370Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11D NCEPOWER-NCEP15T11D Datasheet
342Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11J NCEPOWER-NCEP15T11J Datasheet
372Kb / 7P
NCE N-Channel Super Trench Power MOSFET
More results

Similar Description - NCEP1260F

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCEP01T11 NCEPOWER-NCEP01T11 Datasheet
326Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11 NCEPOWER-NCEP15T11 Datasheet
370Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11J NCEPOWER-NCEP15T11J Datasheet
372Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11T NCEPOWER-NCEP15T11T Datasheet
347Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP85T25D NCEPOWER-NCEP85T25D Datasheet
321Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP0114AS NCEPOWER-NCEP0114AS Datasheet
463Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP01T18T NCEPOWER-NCEP01T18T Datasheet
340Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP85T12 NCEPOWER-NCEP85T12 Datasheet
327Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP8588 NCEPOWER-NCEP8588 Datasheet
343Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP30T12G NCEPOWER-NCEP30T12G Datasheet
438Kb / 6P
NCE N-Channel Super Trench Power MOSFET
V1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com