Electronic Components Datasheet Search
  English  ▼

X  

P4C1048L Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C1048L
Description  LOW POWER 512K x 8 CMOS STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1048L Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C1048L Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1048L Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1048L Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1048L Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1048L Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1048L Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1048L Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1048L Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1048L Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
P4C1048L
Page 2 of 12
Document # SRAM129 REV D
RECOMMENDED OPERATING TEMPERATURE & SUPPLY VOLTAGE
MAXIMUM RATINGS(a)
Stresses greater than those listed can cause permanent damage to the device. These are absolute stress ratings
only. Functional operation of the device is not implied at these or any other conditions in excess of those given in
the operational sections of this data sheet. Exposure to Maximum Ratings for extended periods can adversely
affect device reliability.
Temperature Range (Ambient)
Supply Voltage
4.5V
≤ V
CC ≤ 5.5V
Industrial (-40°C to 85°C)
4.5V
≤ V
CC ≤ 5.5V
Commercial (0°C to 70°C)
Symbol
Parameter
Min
Max
Unit
V
CC
Supply Voltage with Respect to GND
-0.5
7.0
V
V
TERM
Terminal Voltage with Respect to GND (up to 7.0V)
-0.5
V
CC + 0.5
V
T
A
Operating Ambient Temperature
-55
125
°C
S
TG
-65
150
°C
I
OUT
Output Current into Low Outputs
25
mA
I
LAT
Latch-up Current
>200
mA
Storage Temperature
Military (-55°C to 125°C)
4.5V
≤ V
CC ≤ 5.5V
CAPACITANCES(d)
(V
CC = 5.0V, TA = 25°C, f = 1.0 MHz)
POWER DISSIPATION CHARACTERISTICS VS. SPEED
Symbol
Parameter
Test Conditions
Max
Unit
C
IN
C
OUT
Input Capacitance
Output Capacitance
V
IN = 0V
V
OUT = 0V
6
8
pF
pF
Symbol
Parameter
Unit
I
CC
Dynamic Operating Current
Commercial
Industrial
Military
20
25
35
20
25
35
mA
-70
-100
Temperature Range
*
*Tested with outputs open and all address and data inputs changing at the maximum write-cycle rate.
The device is continuously enabled for writing, i.e.
CE and WE
≤ V
IL (max),
OE is high. Switching
inputs are 0V and 3V.
Notes:
a. Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to MAXIMUM rating conditions for extended periods may affect reliability.
b. Extended temperature operation guaranteed with 400 linear feet per minute of air flow.
c. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20 ns.
d. This parameter is sampled and not 100% tested.
20
25
35
20
25
35
-45
-55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com