Electronic Components Datasheet Search
  English  ▼

X  

P4C1298 Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C1298
Description  ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1298 Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C1298 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1298 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1298 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1298 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1298 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1298 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1298 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1298 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1298 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P4C1298/L
Page 4 of 11
Document # SRAM135 REV OR
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
TIMING WAVEFORM OF READ CYCLE NO. 2 (ADDRESS CONTROLLED)(5,6)
Sym.
t
RC
t
AA
t
AC
t
OH
t
LZ
t
HZ
t
PU
t
PD
Parameter
Read Cycle Time
Address Access Time
Chip Enable Access Time
Output Hold from Address Change
Chip Enable to Output in Low Z
Chip Disable to Output in High Z
Chip Enable to Power Up Time
Chip Disable to Power Down Time
-15
Min
15
3
3
0
Max
15
15
8
15
-20
Min
20
3
3
0
Max
20
20
10
20
-25
Min
25
3
3
0
Max
25
25
15
25
-35
Min
35
3
3
0
Max
35
35
15
35
Unit
ns
ns
ns
ns
ns
ns
ns
ns
-45
Min
45
3
3
0
Max
45
45
20
45
t
OE
Output Enable Low to Data Valid
ns
TIMING WAVEFORM OF READ CYCLE NO. 1 (
OE
OE
OE
OE
OE CONTROLLED)(5)
t
OLZ
t
OHZ
Output Enable Low to Low Z
Output Enable High to High Z
810
15
25
30
ns
ns
000
0
0
9
9
15
20
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com