Electronic Components Datasheet Search
  English  ▼

X  

PA2011-T7 Datasheet(PDF) 1 Page - Protek Devices

Part # PA2011-T7
Description  Low-Voltage, Low RON, Single SPDT Analog Switch.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2011-T7 Datasheet(HTML) 1 Page - Protek Devices

  PA2011-T7 Datasheet HTML 1Page - Protek Devices PA2011-T7 Datasheet HTML 2Page - Protek Devices PA2011-T7 Datasheet HTML 3Page - Protek Devices PA2011-T7 Datasheet HTML 4Page - Protek Devices PA2011-T7 Datasheet HTML 5Page - Protek Devices PA2011-T7 Datasheet HTML 6Page - Protek Devices PA2011-T7 Datasheet HTML 7Page - Protek Devices PA2011-T7 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PA2011
Low-Voltage, Low RON, Single SPDT Analog Switch.
DESCRIPTION
2929 S. Fair Lane, Tempe, AZ 85282 Tel: (602) 414–5122. Fax: (602) 414--5141
www.protekdevices.com
The PA2011 is a low on-resistance, single-pole
double- throw monolithic CMOS analog switch.
It is designed for low voltage applications with
guaranteed operation at 2 V.
The PA2011 is ideal for portable and battery powered
equipment, requiring high performance and efficient
use of board space. In additional to the low on-
resistance (1.8 Ω at 2.7 V), charge injection is less
than 10 pC over the entire analog range.
The switch conducts equally well in both directions
when on, and blocks up to the power supply level
when off.
Break-before-make is guaranteed.
FEATURES
• Low Voltage Operation (1.8 V to 3.3 V)
• Low On-Resistance - rON: 1.8 Ω at 2.7 V
• Low Charge Injection
• Low Voltage Logic Compatible
• SC-89 Package (1.6 x 1.6 mm)
BENEFITS
• Reduced Power Consumption
• Simple Logic Interface
• High Accuracy
• Reduce Board Space
• Guaranteed 2 V Operation
APPLICATIONS
• Cellular Phones
• Communication Systems
• Portable Test Equipment
• Battery Operated Systems
• Sample and Hold Circuits
• ADC and DAC Applications
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
IN
V+
GND
1
2
3
DFN-6
Top Vie
TRUTH TABLE
Logic
NC
NO
0
ON
OFF
1
OFF
ON
ORDERING INFORMATION
Temp Range
Package
Part Number
PA2011- T7
SC-89
w
6
5
4
NO (Source1)
COM
NC (Source2)
Pin 1
- 40 to 85 °C
SC-89
Lead (Pb)-free with
Tape and Reel
PA 011-LF
2
PA2011-LF-T7
Device Marking: PA2011
Tape and Reel
PA2011
xx Date Code


Similar Part No. - PA2011-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
PA2011DN-T7 PROTEC-PA2011DN-T7 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
PA2011SC-T13 PROTEC-PA2011SC-T13 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
PA2011SC-T7 PROTEC-PA2011SC-T7 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
PA2011 PROTEC-PA2011_11 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
More results

Similar Description - PA2011-T7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257 Datasheet
539Kb / 7P
Low RON Low Voltage Dual SPDT Bi-Directional Analog Switch
FSA2257 FAIRCHILD-FSA2257_07 Datasheet
665Kb / 13P
Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
Vishay Siliconix
DG2307 VISHAY-DG2307 Datasheet
105Kb / 7P
High-Speed, Low rON, SPDT Analog Switch
30-Apr-07
DG2011 VISHAY-DG2011_08 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
16-Jan-06
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG3157 VISHAY-DG3157_09 Datasheet
126Kb / 8P
High-Speed, Low RON, SPDT Analog Switch
23-Feb-09
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257_09 Datasheet
980Kb / 11P
Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
Vishay Siliconix
DG3157 VISHAY-DG3157_V01 Datasheet
129Kb / 8P
High-Speed, Low RON, SPDT Analog Switch
23-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com