Electronic Components Datasheet Search
  English  ▼

X  

7435W Datasheet(PDF) 1 Page - Belden Inc.

Part # 7435W
Description  MachFlex™, 21G C #14 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7435W Datasheet(HTML) 1 Page - Belden Inc.

  7435W Datasheet HTML 1Page - Belden Inc. 7435W Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 7435W
MachFlex™, 2+1G C #14 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V
TC-ER
Product Description
MachFlex™ for High Flex, 2+1G Conductor 14AWG (41x30) Bare Copper, PVC-NYL Insulation, TPE Outer Jacket, 1000V WTTC, 600V TC-ER
Technical Specifications
Product Overview
Suitable Applications:
Robotics, Robot, Continuous Flex
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 2
14 AWG 41x30
BC - Bare Copper
Ground Wire
1
14 AWG 41x30
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PVC/Nylon - Polyvinyl Chloride + Nylon 0.021 in (0.53 mm) 0.117 in (2.97 mm)
Black and Numbered, Green/Yellow
Ground Wire
PVC/Nylon - Polyvinyl Chloride + Nylon 0.021 in (0.53 mm) 0.117 in (2.97 mm)
Green/Yellow
Outer Shield
Material
No Shield
Outer Jacket
Separator
Material
Nom. Thickness
Nom. Diameter
non-Woven Tape TPE - Thermoplastic Elastomer 0.047 in (1.2 mm) 0.329 in
Overall Cable Diameter (Nominal): 0.329 in
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 2.8 Ohm/1000ft
26 Amps per Conductor at 25ºC
Ground Wire
2.73 Ohm/1000ft (8.96 Ohm/km)
Voltage
UL Voltage Rating
1000 V (WTTC), 600 V (TC-ER)
Mechanical Characteristics
Temperature
UL Temperature
Operating
UL : 90°C Dry, 75°C Wet; AWM 20328 : 105°C -40°C To +105°C
Bend Radius


Similar Part No. - 7435W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74351 TI-74351 Datasheet
179Kb / 4P
TYPE SN74351 DUAL DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUT
logo
FCI connector
74355 FCI-CONNECTOR-74355 Datasheet
265Kb / 5P
2X4 LNL SHIELDED HEADER ASSEMBLY
74355 FCI-CONNECTOR-74355 Datasheet
265Kb / 5P
2X4 LNL SHIELDED HEADER ASSEMBLY
logo
Adels-Contact
743560G4 ADELS-743560G4 Datasheet
151Kb / 1P
AC 180 SKG-T D24
743560G9 ADELS-743560G9 Datasheet
150Kb / 1P
AC 180 SKG-T D29
More results

Similar Description - 7435W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7900A BELDEN-7900A Datasheet
169Kb / 3P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPO Ins, PVC Jkt, 600V TC-ER
05-05-2023
62P1402 BELDEN-62P1402 Datasheet
151Kb / 2P
Inst PVC/PVC, 2 Pr #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
12-20-2022
1046A BELDEN-1046A Datasheet
154Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER
05-25-2023
A03024R BELDEN-A03024R Datasheet
140Kb / 2P
TC VN/PVC, 3 C #2 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-08-2022
A04142R BELDEN-A04142R Datasheet
138Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A02141O BELDEN-A02141O Datasheet
142Kb / 2P
TC-ER VN/PVC, 2G C #14 Str BC, PVC-NYL Ins, E1, 1 C #14 Str BC Ins Grnd, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
12-22-2023
A02142R BELDEN-A02142R Datasheet
138Kb / 2P
TC VN/PVC, 2 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
A03142Q BELDEN-A03142Q Datasheet
141Kb / 2P
TC VN/PVC, 3 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
A04141W BELDEN-A04141W Datasheet
139Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
10-25-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com