Electronic Components Datasheet Search
  English  ▼

X  

P4C422-10DM Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C422-10DM
Description  HIGH SPEED 256 x 4 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C422-10DM Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C422-10DM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C422-10DM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C422-10DM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C422-10DM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C422-10DM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C422-10DM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C422-10DM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C422-10DM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C422-10DM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
P4C422
Page 3 of 10
Document # SRAM101 REV. A
Mode
CS
2
CS
CS
CS
CS
CS
1
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
Output
Standby
L
X
X
X
High Z
Standby
X
H
X
X
High Z
D
OUT Disabled
H
L
X
H
High Z
Read
H
L
H
L
D
OUT
Write
H
L
L
X
High Z
recovery times by eliminating the “write recovery glitch.”
Reading is performed with chip selct one (CS
1) LOW, chip
select two (CS
2) HIGH, write enable
(WE) HIGH and
output enable (OE) LOW. The information stored in the
addressed word is read out on the noninverting outputs
(O
0 through O3). The outputs of the memory go to an
inactive high impedance state whenever chip select one
(CS
1) is HIGH, or during the write operation when write
enable (WE) is LOW.
An active LOW write enable (WE) controls the writing/
reading operation of the memory. When the chip select
one (CS
1) and the write enable (WE) are LOW and the chip
select two (CS
2) is HIGH, the information on data inputs
(D
0 through D3) is written into the addressed memory word
and preconditions the output circuitry so that true data is
present at the outputs when the write cycle is complete.
This preconditioning operation insures minimum write
FUNCTIONAL DESCRIPTION
TRUTH TABLE
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10% except as noted, All Temperature Ranges)
(2)
TIMING WAVEFORM OF READ CYCLE
Notes:
H
= HIGH
L
= Low
X
= Don't Care
HIGH Z = Implies outputs are disabled or off. This condition
is defined as high impedance state for the
P4C422.
Sym.
t
RC
t
ACS
t
ZRCS
t
AOS
t
ZROS
t
AA
Read Cycle Time (5)
Chip Select Time (5)
Chip Select to High-Z (6)
Output Enable Time
Output Enable to High-Z (6)
Address Access Time (5)
-10*
Min Max
7.5
8
7.5
8
10
-12
Min
12
Max
8
10
8
10
12
-15
Min
15
Max
8
12
8
12
15
-20
Min
20
Max
12
15
12
15
20
-25
Min
25
Max
15
20
15
20
-35
Min
35
Max
Unit
ns
ns
ns
ns
ns
ns
25
*V
CC = 5V ± 5%
25
30
25
30
35
Parameter
12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com