Electronic Components Datasheet Search
  English  ▼

X  

BYT08P-800 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYT08P-800
Description  Fast Recovery Power Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYT08P-800 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYT08P-800 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYT08P-800 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recovery Power Rectifier
BYT08P-800
www.iscsemi.com
1
FEATURES
· Low Switching Losses
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· Free Wheeling Diode in Converters
· Switched mode power supplies
· Motor drive
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Reverse voltage
Crest Working Reverse Voltage
Continuous Reverse Voltage
800
V
IF(AV)
Average Rectified Forward Current
8
A
IFSM
Non-repetitive Peak Surge Current
tp = 10 ms; half sinewave
50
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
TO-220C Package
3
1
2


Similar Part No. - BYT08P-800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Inchange Semiconductor ...
BYT08P-1000 ISC-BYT08P-1000 Datasheet
314Kb / 2P
Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT08P-400 STMICROELECTRONICS-BYT08P-400 Datasheet
101Kb / 7P
FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYT08P-400 STMICROELECTRONICS-BYT08P-400 Datasheet
94Kb / 7P
FAST RECOVERY RECTIFIER DIODES
May-2002
logo
Inchange Semiconductor ...
BYT08P-400 ISC-BYT08P-400 Datasheet
288Kb / 2P
Fast Recovery Rectifier
More results

Similar Description - BYT08P-800

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFP06U20DN FAIRCHILD-FFP06U20DN Datasheet
107Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFP15U20DN FAIRCHILD-FFP15U20DN Datasheet
113Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF06F20DN FAIRCHILD-FFPF06F20DN Datasheet
117Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF06U20DN FAIRCHILD-FFPF06U20DN Datasheet
109Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF06U20DP FAIRCHILD-FFPF06U20DP Datasheet
109Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF10U20DP FAIRCHILD-FFPF10U20DP Datasheet
109Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF15U20DN FAIRCHILD-FFPF15U20DN Datasheet
114Kb / 4P
FAST RECOVERY POWER RECTIFIER
FFPF15U20DP FAIRCHILD-FFPF15U20DP Datasheet
114Kb / 4P
FAST RECOVERY POWER RECTIFIER
logo
Microsemi Corporation
1N5812 MICROSEMI-1N5812 Datasheet
59Kb / 1P
FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10U20DPTU FAIRCHILD-FFPF10U20DPTU Datasheet
117Kb / 4P
FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com