Electronic Components Datasheet Search
  English  ▼

X  

BYT12P-800 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYT12P-800
Description  Fast Recover Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYT12P-800 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYT12P-800 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYT12P-800 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recover Rectifier Diode
BYT12P-800
www.iscsemi.com
1
FEATURES
· Low Switching Losses
· Low Leakage Current
· Fast recovery time
APPLICATIONS
· Free Wheeling Diode in Converters
· Switched mode power supplies
· Motor drive
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRSM
Peak Reverse voltage
Non Repetitive Peak Reverse Voltage
800
V
IF(AV)
Average Rectified Forward Current
Tc = 100°C;δ = 0.5
12
A
IFSM
Non-repetitive Peak Surge Current
tp = 10 ms; Sinusoidal
75
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
TO-220C Package
3
1
2


Similar Part No. - BYT12P-800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Inchange Semiconductor ...
BYT12P-1000 ISC-BYT12P-1000 Datasheet
281Kb / 2P
Fast Recover Rectifier Diode
logo
STMicroelectronics
BYT12P-600 STMICROELECTRONICS-BYT12P-600 Datasheet
109Kb / 5P
FAST RECOVERY RECTIFIER DIODES
Jun-1989
logo
Inchange Semiconductor ...
BYT12P-600 ISC-BYT12P-600 Datasheet
282Kb / 2P
Fast Recover Rectifier Diode
More results

Similar Description - BYT12P-800

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BY296 MIC-BY296 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR151 MIC-FR151 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR251 MIC-FR251 Datasheet
49Kb / 2P
FAST RECOVER RECTIFIER
FR601S MIC-FR601S Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
FAST RECOVER RECTIFIER
BY296 PFS-BY296 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR151 PFS-FR151 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR301 PFS-FR301 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
FR601 PFS-FR601 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
1N4942 PFS-1N4942 Datasheet
169Kb / 2P
FAST RECOVER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com