Electronic Components Datasheet Search
  English  ▼

X  

2SA2153 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SA2153
Description  PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2153 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SA2153 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2153 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2153 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2153 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA2153
No.8123-1/4
Applications
•
Voltage regulators, relay drivers, lamp drivers, electrical equipment.
Features
•
Adoption of MBIT process.
•
Low saturation voltage.
•
High current capacity and wide ASO.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--50
V
Collector-to-Emitter Voltage
VCEO
--50
V
Emitter-to-Base Voltage
VEBO
--6
V
Collector Current
IC
--2
A
Collector Current (Pulse)
ICP
--4
A
Base Current
IB
--400
mA
Collector Dissipation
PC
Mounted on a ceramic board (450mm2!0.8mm)
1.3
W
Tc=25
°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--40V, IE=0
--1
µA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0
--1
µA
DC Current Gain
hFE1VCE=--2V, IC=--100mA
200
560
hFE2VCE=--2V, IC=--1.5A
40
Gain-Bandwidth Product
fT
VCE=--10V, IC=--300mA
420
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
16
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--1A, IB=--50mA
--0.2
--0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--1A, IB=--50mA
--0.9
--1.2
V
Marking : AZ
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8123
21805EA TS IM TB-00000664
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
2SA2153
PNP Epitaxial Planar Silicon Transistor
High-Current Switching Applications


Similar Part No. - 2SA2153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
282Kb / 5P
Bipolar Transistor
April 2016 - Rev. 2
2SA2153-TD-E ONSEMI-2SA2153-TD-E Datasheet
325Kb / 6P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2153-TD-E ONSEMI-2SA2153-TD-E Datasheet
282Kb / 5P
Bipolar Transistor
April 2016 - Rev. 2
2SA2153 ONSEMI-2SA2153_16 Datasheet
282Kb / 5P
Bipolar Transistor
April 2016 - Rev. 2
More results

Similar Description - 2SA2153

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2186 SANYO-2SA2186 Datasheet
36Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2203 SANYO-2SA2203 Datasheet
43Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3147 SANYO-CPH3147 Datasheet
39Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210 Datasheet
57Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Seme LAB
2SA2127 SEME-LAB-2SA2127 Datasheet
36Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Sanyo Semicon Device
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
ECH8102 SANYO-ECH8102 Datasheet
296Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2222SG SANYO-2SA2222SG Datasheet
303Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210_12 Datasheet
249Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com